công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2VMM1 bảng dữ liệu(PDF) 128 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2VMM1
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2VMM1 bảng dữ liệu(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2VMM1 Datasheet HTML 124Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Document revision history
Freescale Semiconductor
128
4
2 Mar 2010
Editorial changes and improvements.
Revised the 257-pin package pin pitch (was 1.4 mm, is 0.8 mm).
In the Overview section:
• Renamed the peripheral bridge to “PBRIDGE”.
• Revised the information for FlexRay.
• Revised the “Clock, reset, power, mode and test control module” section.
• Revised the “Platform memory access time summary” table and replaced TBDs by
meaningful values.
Extensive revisions to signal descriptions and pin muxing information.
In the “Recommended operating conditions (3.3 V)” table, changed the specification for
VDD_HV_ADR0 and VDD_HV_ADR1 (was “...3.3 V”, is “...3.6 V”).
Revised the “EMI testing specifications” table.
In the “HPREG1, HPREG2, Main LVDs, Digital HVD, and Digital LVD electrical
specifications” table, added a specification for the digital low voltage detector upper
threshold.
Revised the “FMPLL electrical characteristics” table.
In the “Main oscillator electrical characteristics” table, changed the maximum specification
for gmXOSCHS (was 11 mA/V, is 11.8 mA/V).
Revised the “ADC electrical characteristics” section.
In the “ADC conversion characteristics” table:
• Changed the tADC_S specification (was TBD, is minimum of 383 ns).
• Added the footnote “No missing codes” to the DNL specification.
• Added specifications for SNR, THD, SINAD, and ENOB.
Revised the “Ordering information” section.
Table 41. Revision history (continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com