công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2VMM1 bảng dữ liệu(PDF) 87 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2VMM1
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2VMM1 bảng dữ liệu(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2VMM1 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
87
3.10
Supply current characteristics
Current consumption data is given in Table 20. These specifications are design targets and are subject to change per device
characterization.
VOH_S
P Slow, high level output voltage
IOH = –1.5 mA VDD_HV_IOx –0.8
—
—
V
VOL_M
P Medium, low level output voltage
IOL =2mA
—
—
0.5
V
VOH_M
P Medium, high level output voltage
IOH =–2mA
VDD_HV_IOx –0.8
—
—
V
VOL_F
P Fast, high level output voltage
IOL =1.5 mA
—
—
0.5
V
VOH_F
P Fast, high level output voltage
IOH = –1.5 mA VDD_HV_IOx –0.8
—
—
V
VOL_SYM
P Symmetric, high level output voltage
IOL =1.5 mA
—
—
0.5
V
VOH_SYM
P Symmetric, high level output voltage
IOH = –1.5 mA VDD_HV_IOx –0.8
—
—
V
IINJ
T DC injection current per pin
—
–1
—
1
mA
IPU
P Equivalent pull-up current
VIN =VIL
–130
—
—
µA
VIN =VIH
——
–10
IPD
P Equivalent pull-down current
VIN =VIL
10
—
—
µA
VIN =VIH
——
130
IIL
P Input leakage current
(all bidirectional ports)
TJ = –40 to
+150 °C
-1
—
1
A
Input leakage current
(all ADC input-only ports)
-0.5
—
0.5
Input leakage current
(shared ADC input-only ports)
-1
—
1
VILR
P RESET, low level input voltage
—
–0.12
—0.35 VDD_HV_IOx
V
VIHR
P RESET, high level input voltage
—
0.65 VDD_HV_IOx
—VDD_HV_IOx+0.1
2
V
VHYSR
D RESET, Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
——
V
VOLR
D RESET, low level output voltage
IOL =2mA
—
—
0.5
V
IPD
D RESET, equivalent pull-down current
VIN =VIL
10
—
—
µA
VIN =VIH
——
130
1 These specifications are design targets and subject to change per device characterization.
2 “SR” parameter values must not exceed the absolute maximum ratings shown in Table 8.
Table 19. DC electrical characteristics1 (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com