công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2VLQ1 bảng dữ liệu(PDF) 89 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2VLQ1
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2VLQ1 bảng dữ liệu(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2VLQ1 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
89
IDD_LV_STOP
T Operating current in
VDD STOP mode
TJ =ambient
VDD_LV_COR =1.32V
——
50
mA
TTJ =55 C
VDD_LV_COR =1.32V
——
57
PTJ = 150 C
VDD_LV_COR =1.32V
——
72
IDD_LV_HALT
T Operating current in
VDD HALT mode
TJ =ambient
VDD_LV_COR =1.32V
——
58
mA
TTJ =55 C
VDD_LV_COR =1.32V
——
64
PTJ = 150 C
VDD_LV_COR =1.32V
——
80
IDD_HV_ADC
3,4
T Operating current
TJ = 150 C
120 MHz
ADC operating at 60 MHz
VDD_HV_ADC =3.6 V
——
10
mA
IDD_HV_AREF
4
T Operating current
TJ = 150 C
120 MHz
ADC operating at 60 MHz
VDD_HV_REF =3.6 V
——
3
mA
TJ = 150 C
120 MHz
ADC operating at 60 MHz
VDD_HV_REF =5.5 V
——
5
IDD_HV_OSC
T Operating current
TJ = 150 C
3.3 V supplies
120 MHz
—
—
900
A
IDD_HV_FLASH
5
T Operating current
TJ = 150 C
3.3 V supplies
120 MHz
——
4
mA
1 Devices configured for DPM mode, single core only with Core 0 executing typical code at 120 MHz from SRAM and Core 1 in
reset. If core execution mode not specified, the device is configured for LSM mode with both cores executing typical code at
120 MHz from SRAM.
2 Enabled Modules in 'Typical mode': FlexPWM0, ETimer0/1/2, CTU, SWG, DMA, FlexCAN0/1, LINFlex, ADC1, DSPI0/1, PIT,
CRC, PLL0/1, I/O supply current excluded
3 Internal structures hold the input voltage less than VDDA + 1.0 V on all pads powered by VDDA supplies, if the maximum
injection current specification is met (3 mA for all pins) and VDDA is within the operating voltage specifications.
4 This value is the total current for both ADCs.
5 VFLASH is only available in the calibration package.
Table 20. Current consumption characteristics (continued)
Symbol
Parameter
Conditions1
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com