công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2VLQ1 bảng dữ liệu(PDF) 86 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2VLQ1
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2VLQ1 bảng dữ liệu(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2VLQ1 Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 83Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 84Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 85Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 86Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 87Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ1 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Electrical characteristics
Freescale Semiconductor
86
Figure 4. BCP68 board schematic example
NOTE
The combined ESR of the capacitors used on 1.2 V pins (V1V2 in the picture) shall be in
the range of 1 mto 100 m. The minimum value of the ESR is constrained by the
resonance caused by the external components, bonding inductance, and internal
decoupling. The minimum ESR is required to avoid the resonance and make the regulator
stable.
3.9
DC electrical characteristics
Table 19 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx <3.6 V).
Table 19. DC electrical characteristics1
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
D Minimum low level input voltage
—
–0.12
——
V
VIL
P Maximum level input voltage
—
—
—
0.35 VDD_HV_IOx
V
VIH
P Minimum high level input voltage
—
0.65 VDD_HV_IOx
——
V
VIH
D Maximum high level input voltage
—
—
—
VDD_HV_IOx +0.1
2
V
VHYS
T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
——
V
VOL_S
P Slow, low level output voltage
IOL =1.5 mA
—
—
0.5
V
BCRTL
Cext
Cint
Rb
Lb
Rs
V1V2 ring on board
VDD
V1V2 pin
ESR
Cv1v2
MPC5643L
BCP68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com