công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

305-LE bảng dữ liệu(PDF) 43 Page - Tyco Electronics

tên linh kiện 305-LE
Giải thích chi tiết về linh kiện  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

305-LE bảng dữ liệu(HTML) 43 Page - Tyco Electronics

Back Button 305-LE Datasheet HTML 39Page - Tyco Electronics 305-LE Datasheet HTML 40Page - Tyco Electronics 305-LE Datasheet HTML 41Page - Tyco Electronics 305-LE Datasheet HTML 42Page - Tyco Electronics 305-LE Datasheet HTML 43Page - Tyco Electronics 305-LE Datasheet HTML 44Page - Tyco Electronics 305-LE Datasheet HTML 45Page - Tyco Electronics 305-LE Datasheet HTML 46Page - Tyco Electronics 305-LE Datasheet HTML 47Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
128
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
K Kapton® labels
Dot Matrix
Tyco Electronics K is a dot matrix printable, 2 mil thick tan
polyimide (Kapton
®) with a permanent acrylic adhesive that is ideal
for high temperature labeling requirements such as printed circuit
boards. It is suitable for direct wave (bottom side) and IR reflow
(top side) PCB applications, and is designed to withstand the
fluxes, cleaning solvents and molten solder encountered in the
manufacture of printed circuit boards. With a flash exposure
service temperature of +538°C (+1000°F), K is suitable for the
harshest high temperature applications. For reliable print
performance and durability, use with Tyco Electronics1892BK01
ribbon.
Features and benefits
I Dot matrix printable
I Matte finish for better print contrast
I Product approved for aerospace/defense applications
I Exceptional durability and tear resistance
I High temperature permanent acrylic adhesive
I Superior solvent and UV resistance
I Low outgassing
Specifications
TTDS-007
Adhesive
Permanent acrylic
Service temperature*
–40°C to +260°C
–40°F to +500°F
*Flash exposure to +538°C (+1000°F)
Recommended printer AM6310
Recommended ribbon 1892BK01
K-064064 -10-1A
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com