công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

305-LE bảng dữ liệu(PDF) 39 Page - Tyco Electronics

tên linh kiện 305-LE
Giải thích chi tiết về linh kiện  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

305-LE bảng dữ liệu(HTML) 39 Page - Tyco Electronics

Back Button 305-LE Datasheet HTML 35Page - Tyco Electronics 305-LE Datasheet HTML 36Page - Tyco Electronics 305-LE Datasheet HTML 37Page - Tyco Electronics 305-LE Datasheet HTML 38Page - Tyco Electronics 305-LE Datasheet HTML 39Page - Tyco Electronics 305-LE Datasheet HTML 40Page - Tyco Electronics 305-LE Datasheet HTML 41Page - Tyco Electronics 305-LE Datasheet HTML 42Page - Tyco Electronics 305-LE Datasheet HTML 43Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
124
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C Vinyl cloth labels
Dot Matrix
Tyco Electronics C labels are dot matrix printable vinyl coated cloth
material with a permanent acrylic adhesive that is designed for
application to irregular surfaces where conformability is required. It is
ideal for permanent wire marking, or it can be flagged onto wires for
temporary marking. C labels are also ideal for electronic component
identification and other general purpose labeling applications. For
reliable print performance and durability, use with Tyco Electronics’s
1892BK01 ribbon.
Features and benefits
I Flexible, easily conforms to curved surfaces
I Dot matrix printable
I Several die-cut sizes available
I Excellent abrasion resistance
I Resistant to oil, water and several common fluids
Specifications/Approvals
Tyco Electronics
TTDS-053
Adhesive
Permanent acrylic
Service temperature
–29°C to +80°C
–20°F to +176°F
Recommended printer AM6310
Recommended ribbon 1892BK01
C-064064 -10-9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com