công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F71869AD bảng dữ liệu(PDF) 3 Page - Feature Integration Technology Inc.

tên linh kiện F71869AD
Giải thích chi tiết về linh kiện  Super I/O Hardware Monitor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FINTEK [Feature Integration Technology Inc.]
Trang chủ  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869AD bảng dữ liệu(HTML) 3 Page - Feature Integration Technology Inc.

  F71869AD Datasheet HTML 1Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 2Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 3Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 4Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 5Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 6Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 7Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 8Page - Feature Integration Technology Inc. F71869AD Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
Oct., 2011
V0.19P
3
F71869A
63
18, 19
112
description
6. Correct Multi-Function Select Register 5 ( Index 2Ch bit3:1
default velue
7. Modify SCL & SDA Types and Description (pin 57/58/59/60)
8. Modify Auto Swap Register ( Index FEh, bit 7
0.18P
2011/06
150, 154
17, 18
148
58
149
1. Made Clarification & Modification
2. Update Application Circuits
3. Update FANCTL1~3 Pin Description
4. Add Top Marking Specification
5. Update Multi-Function Select Register 1
⎯ Index 28h bit7 Description
6. Update Package Dimension
0.19P
2011/10
-
1.Made Clarification & Modification
2.GPIO Pin Status Register – Index F2h, bit 5 & 4
3.Update Index no.(GPIO7 Output Data Register – Index 81h)
4.Update Index no.(GPIO7 Pin Status Register – Index 82h)
5.Update Index no.(GPIO7 Drive Enable Register – Index 83h)
6.Update Index no.(User Wakeup Code Register – Index FFh)
7.SMB Protocol Select – Index EFh, bit3-0
8.Update Top Marking Specification Description
Please note that all data and specifications are subject to change without notice. All the trade marks of
products and companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICAT
These products are not designed for use in life support appliances, devices, or systems where malfunction of
these products can reasonably be expected to result in personal injury. Customers using or selling these
products for use in such applications do so at their own risk and agree to fully indemnify Fintek for any
damages resulting from such improper use or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More