| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F71869AD bảng dữ liệu(PDF) 9 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F71869AD bảng dữ liệu(HTML) 9 Page - Feature Integration Technology Inc. |
|
9 / 156 page ![]() Oct., 2011 V0.19P 9 F71869A Integrate Intel Cougar Point Timing Support AMD Power Sequence Controller Intel Block Read/Write SMBus Interface System volume control GPIO 35~37, GPIO 50~54 can control the system volume up/down/mute by LPC interface. Windows OSD can detect the system volume control input without any driver installation. 80-Port Interface Monitor 0x80 Port and output the value via signals defined for 7-segment display. High nibble and low nibble are outputted interleaved at 1KHz frequency. 80-Port output by LPT or COM2 interface. Package 128-pin LQFP (14*14) Green Package |