công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8378E bảng dữ liệu(PDF) 26 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8378E
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E bảng dữ liệu(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8
26
Freescale Semiconductor
Output differential voltage 2, 3, 7
|VOD|
323
500
725
mV
Equalization
setting: 1.0
×
296
459
665
Equalization
setting: 1.09
×
269
417
604
Equalization
setting: 1.2
×
243
376
545
Equalization
setting: 1.33
×
215
333
483
Equalization
setting: 1.5
×
189
292
424
Equalization
setting: 1.71
×
162
250
362
Equalization
setting: 2.0
×
Output offset voltage
VOS
425
500
575
mV
1, 6
Output impedance
(single-ended)
RO
40
—
60
Ω
—
Mismatch in a pair
RO
——
10
%
—
Change in VOD between “0” and
“1”
|VOD|—
—
25
mV
—
Change in VOS between “0” and
“1”
VOS
——
25
mV
—
Output current on short to GND
ISA, ISB
——
40
mA
—
Notes:
1. This will not align to DC-coupled SGMII. XVDD_SRDS-Typ =1.0 V.
2. |VOD|= |VSD_TXn -VSD_TXn|. |VOD| is also referred as output differential peak voltage. VTX-DIFFp-p =2 × |VOD|.
3. The |VOD| value shown in the table assumes the following transmit equalization setting in SRDSnCR0[DDPA] and
SRDS
nCR0[TXEQA] for lane A, and SRDSnCR0[DDPE] and SRDSnCR0[TXEQE] for lane E.
4. DPPA or DPPE bit is set to zero (selecting the full VDD-DIFF-p-p amplitude – power up default);
5. TXEQA or TXDQE is set based on the equalization setting shown in table.
6. VOS is also referred to as output common mode voltage.
7. The |VOD| value shown in the Typ column is based on the condition of XVDD_SRDS-Typ = 1.0 V, no common mode offset
variation (VOS = 500 mV), SerDes1 transmitter is terminated with 100-Ω differential load between SD_TXn and SD_TXn.
Table 27. SGMII DC Receiver Electrical Characteristics
Parameter
Symbol
Min
Typical
Max
Unit
Note
Supply voltage
(L1_SDAVDD_0, L1_XCOREVDD)
XVDD_SRDS
0.95
1.0
1.05
V
—
DC input voltage range
—
N/A
—
1
Table 26. SGMII DC Transmitter Electrical Characteristics (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Δ
Δ
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com