công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC667201MMG1 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện SC667201MMG1
Giải thích chi tiết về linh kiện  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 3Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 4Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 5Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 6Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 7Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 8Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 9Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 10Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
7
Introduction
Table 2. MPC5642A series block summary
Block
Function
Boot assist module (BAM)
Block of read-only memory containing executable code that searches
for user-supplied boot code and, if none is found, executes the BAM
boot code resident in device ROM
Calibration bus interface
Transfers data across the crossbar switch to/from peripherals attached
to the calibration system connector
Controller area network (FlexCAN)
Supports the standard CAN communications protocol
Crossbar switch (XBAR)
Internal busmaster
Cyclic redundancy check (CRC)
CRC checksum generator
Deserial serial peripheral interface (DSPI)
Provides a synchronous serial interface for communication with
external devices
e200z4 core
Executes programs and interrupt handlers
Enhanced direct memory access (eDMA)
Performs complex data movements with minimal intervention from the
core.
Enhanced modular input-output system
(eMIOS)
Provides the functionality to generate or measure events
Enhanced queued analog-to-digital
converter (eQADC)
Provides accurate and fast conversions for a wide range of
applications
Enhanced serial communication interface
(eSCI)
Provides asynchronous serial communication capability with
peripheral devices and other microcontroller units
Enhanced time processor unit (eTPU2)
Second-generation co-processor processes real-time input events,
performs output waveform generation, and accesses shared data
without host intervention
Error Correction Status Module (ECSM)
The Error Correction Status Module supports a number of
miscellaneous control functions for the platform, and includes registers
for capturing information on platform memory errors if error-correcting
codes (ECC) are implemented
Flash memory
Provides storage for program code, constants, and variables
FlexRay
Provides high-speed distributed control for advanced automotive
applications
Frequency-modulated phase-locked loop
(FMPLL)
Generates high-speed system clocks and supports programmable
frequency modulation
Interrupt controller (INTC)
Provides priority-based preemptive scheduling of interrupt requests
JTAG controller
Provides the means to test chip functionality and connectivity while
remaining transparent to system logic when not in test mode
Memory protection unit (MPU)
Provides hardware access control for all memory references
generated
Nexus port controller (NPC)
Provides real-time development support capabilities in compliance
with the IEEE-ISTO 5001-2010 standard
Periodic interrupt timer (PIT)
Produces periodic interrupts and triggers
Reaction Module (REACM)
Works in conjunction with the eQADC and eTPU2 to increase system
performance by removing the CPU from the current control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More