| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC667201MMG1 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC667201MMG1 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 120 page ![]() MPC5642A Microcontroller Data Sheet, Rev. 3.1 6 Freescale Semiconductor Introduction Figure 1. MPC5642A series block diagram Table 2 summarizes the functions of the blocks present on the MPC5642A series microcontrollers. ADC – Analog to Digital Converter ADCi – ADC interface AMux – Analog Multiplexer BAM – Boot Assist Module CRC – Cyclic Redundancy Check unit DEC – Decimation Filter DTS – Development Trigger Semaphore DSPI – Deserial/Serial Peripheral Interface ECSM – Error Correction Status Module eDMA – Enhanced Direct Memory Access eMIOS – Enhanced Modular Input Output System eSCI – Enhanced Serial Communications Interface eTPU2 – Second gen. Enhanced Time Processing Unit FlexCAN – Controller Area Network FMPLL – Frequency-Modulated Phase-Locked Loop JTAG – IEEE 1149.1 Test Controller MMU – Memory Management Unit MPU – Memory Protection Unit PMC – Power Management Controller PIT – Periodic Interrupt Timer RCOSC – Low-speed RC Oscillator REACM – Reaction Module SIU – System Integration Unit SPE – Signal Processing Extension SRAM – Static RAM STM – System Timer Module SWT – Software Watchdog Timer VGA – Variable Gain Amplifier VLE – Variable Length (instruction) Encoding XOSC – XTAL Oscillator LEGEND eMIOS 24 Channel 3 KB Data RAM 14 KB Code RAM eTPU2 32 ADCi DEC x2 VGA AMux 2 MB Flash 128 KB SRAM MPU Crossbar Switch Interrupt Controller eDMA 64-channel SPE VLE MMU 8 KB I-cache Power Architecture e200z4 JTAG Nexus IEEE-ISTO 5001-2010 FlexRay I/O Bridge Analog PLL RCOSC XOSC Voltage Regulator Standby Regulator with Switch M4 M0 M6 S0 S2 S7 S1 M1 Debug Channel ECSM |