công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMA6527KWR2 bảng dữ liệu(PDF) 42 Page - Freescale Semiconductor, Inc

tên linh kiện MMA6527KWR2
Giải thích chi tiết về linh kiện  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KWR2 bảng dữ liệu(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MMA6527KWR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Sensor
42
Freescale Semiconductor, Inc.
MMA65xx
3.9
Serial Peripheral Interface
The device includes a Serial Peripheral Interface (SPI) to provide access to the configuration registers and digital data. Ref-
erence Section 4 for details regarding the SPI protocol and available commands.
To maximize independence between the X and Y channels, the device includes two interface blocks, one for each axis. The
X-axis interface block responds only to X-axis acceleration requests, or even addressed register commands. The Y-axis interface
block responds only to Y-axis acceleration requests, or odd addressed register commands. To the SPI master, the device oper-
ates as a single device. The internal independent blocks are transparent.
Each SPI block has an independent shift register. Once a message is received (rising edge of CS), the contents of the two
shift registers are compared. If the contents do not match, the Y-Axis SPI block will not respond, and the X-Axis SPI block will
respond with a SPI Error as shown in Table 30. If the contents match, each SPI block decodes the message, and the appropriate
block enables DO for a response during the next SPI message.
Figure 33 shows an internal diagram of the SPI.
Figure 33. SPI Diagram
Y SPI
CS_M
SCLKM
MOSIM
I/O
MISOM
CS
SCLK
MOSI
MISO
CS
SCLK
MOSI
MISO
SPI Master
X SPI
If Bit 13 == ‘1’
If Bit 13 = ‘0’
& Bit 14 == ‘1’
& A0 == ‘1’
If Bit 13 == ‘1’
If Bit 13 = ‘0’
& Bit 14 == ‘0’
& A0 == ‘0’
Registers
X-Axis Raw Data
X-Axis OC Data
Even Address Regs
Y-Axis Raw Data
Y-Axis OC Data
Odd Address Regs
X SPI Shift Register
Y SPI Shift Register
SPI Mismatch Error (SPI Error)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com