công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIS16485/PCBZ bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện ADIS16485/PCBZ
Giải thích chi tiết về linh kiện  Six Degrees of Freedom Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIS16485/PCBZ bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button ADIS16485/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADIS16485
Rev. 0 | Page 21 of 28
Linear Acceleration on Effect on Gyroscope Bias
MEMS gyroscopes typically have a bias response to linear
acceleration that is normal to their axes of rotation. The
ADIS16485 offers an optional compensation function for this
effect. Turn to Page 3 (DIN = 0x8003) and set CONFIG[7] = 1
(DIN = 0x9080, DIN = 0x9100). The factory default configuration
enables this function.
Table 66. CONFIG (Page 3, Base Address = 0x0A)
Bits
Description (Default = 0x00C0)
[15:8]
Not used
7
Linear-g compensation for gyroscopes (1 = enabled)
6
Point of percussion alignment (1 = enabled)
[5:2]
Not used
1
Real-time clock, daylight savings time (1: enabled,
0: disabled)
0
Real-time clock control (1: relative/elapsed timer mode,
0: calendar mode)
ACCELEROMETERS
The user calibration for the accelerometers includes registers for
adjusting bias and sensitivity, as shown in Figure 23.
X-AXIS
ACCL
FACTORY
CALIBRATION
AND
FILTERING
X_ACCL_OUT
X_ACCL_LOW
XA_BIAS_HIGH
XA_BIAS_LOW
1 + X_ACCL_SCALE
Figure 23. User Calibration Signal Path, Gyroscopes
Manual Bias Correction
The xA_BIAS_HIGH (see Table 67, Table 68, and Table 69) and
xA_BIAS_LOW (see Table 70, Table 71, and Table 72) registers
provide a bias adjustment function for the output of each gyroscope
sensor. The xA_BIAS_HIGH registers use the same format as
x_ACCL_OUT registers. The xA_BIAS_LOW registers use the
same format as x_ACCL_LOW registers.
Table 67. XA_BIAS_HIGH (Page 2, Base Address = 0x1E)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer offset correction, high word;
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
Table 68. YA_BIAS_HIGH (Page 2, Base Address = 0x22)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer offset correction, high word;
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
Table 69. ZA_BIAS_HIGH (Page 2, Base Address = 0x26)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer offset correction, high word;
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
Table 70. XA_BIAS_LOW (Page 2, Base Address = 0x1C)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer offset correction, low word;
twos complement, 0 g = 0x0000,
1 LSB = 0.25 mg ÷ 216 = ~0.000003815 mg
Table 71. YA_BIAS_LOW (Page 2, Base Address = 0x20)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer offset correction, low word;
twos complement, 0 g = 0x0000,
1 LSB = 0.25 mg ÷ 216 = ~0.000003815 mg
Table 72. ZA_BIAS_LOW (Page 2, Base Address = 0x24)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer offset correction, low word;
twos complement, 0 g = 0x0000,
1 LSB = 0.25 mg ÷ 216 = ~0.000003815 mg
Manual Sensitivity Correction
The x_ACCL_SCALE registers enable sensitivity adjustment
(see Table 73, Table 74, Table 75).
Table 73. X_ACCL_SCALE (Page 2, Base Address = 0x0A)
Bits
Description (Default = 0x0000)
[15:0]
X-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.0003052%
Table 74. Y_ACCL_SCALE (Page 2, Base Address = 0x0C)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.0003052%
Table 75. Z_ACCL_SCALE (Page 2, Base Address = 0x0E)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis accelerometer scale correction; twos complement,
0x0000 = unity gain, 1 LSB = 1 ÷ 215 = ~0.0003052%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com