công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIS16485/PCBZ bảng dữ liệu(PDF) 13 Page - Analog Devices

tên linh kiện ADIS16485/PCBZ
Giải thích chi tiết về linh kiện  Six Degrees of Freedom Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIS16485/PCBZ bảng dữ liệu(HTML) 13 Page - Analog Devices

Back Button ADIS16485/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16485/PCBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADIS16485
Rev. 0 | Page 13 of 28
OUTPUT DATA REGISTERS
After the ADIS16485 completes its start-up process, the PAGE_ID
register contains 0x0000, which sets Page 0 as the active page
for SPI access. Page 0 contains the output data, real-time clock,
status, and product identification registers.
INERTIAL SENSOR DATA FORMAT
The gyroscope, accelerometer, delta angle, and delta velocity output
data registers use a 32-bit, twos complement format. Each output
uses two registers to support this resolution. Figure 18 provides
an example of how each register contributes to each inertial
measurement. In this case, X_GYRO_OUT is the most significant
word (upper 16 bits), and X_GYRO_LOW is the least significant
word (lower 16 bits). In many cases, using the most significant
word registers alone provide sufficient resolution for preserving
key performance metrics.
X-AXIS GYROSCOPE DATA
0 15
15
0
X_GYRO_OUT
X_GYRO_LOW
Figure 18. Gyroscope Output Format Example, DEC_RATE > 0
The arrows in Figure 19 describe the direction of the motion,
which produces a positive output response in each sensor’s
output register. The accelerometers respond to both dynamic
and static forces associated with acceleration, including gravity.
When lying perfectly flat, as shown in Figure 19, the z-axis
accelerometer output is 1 g, and the x and y accelerometers are 0 g.
ROTATION RATE (GYROSCOPE)
The registers that use the x_GYRO_OUT format are the primary
registers for the gyroscope measurements (see Table 10, Table 11,
and Table 12). When processing data from these registers, use
a 16-bit, twos complement data format. Table 13 provides
x_GYRO_OUT digital coding examples.
Table 10. X_GYRO_OUT (Page 0, Base Address = 0x12)
Bits
Description
[15:0]
X-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 11. Y_GYRO_OUT (Page 0, Base Address = 0x16)
Bits
Description
[15:0]
Y-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 12. Z_GYRO_OUT (Page 0, Base Address = 0x1A)
Bits
Description
[15:0]
Z-axis gyroscope data; twos complement,
±450°/sec range, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
Table 13. x_GYRO_OUT Data Format Examples
Rotation Rate
Decimal
Hex
Binary
+450°/sec
+22,500
0x57E4
0101 0111 1110 0100
+0.04/sec
+2
0x0002
0000 0000 0000 0010
+0.02°/sec
+1
0x0001
0000 0000 0000 0001
0°/sec
0
0x0000
0000 0000 0000 0000
−0.02°/sec
−1
0xFFFF
1111 1111 1111 1111
−0.04°/sec
−2
0xFFFE
1111 1111 1111 1110
−450°/sec
−22,500
0xA81C
1010 1000 0001 1100
The registers that use the x_GYRO_LOW naming format provide
additional resolution for the gyroscope measurements (see
Table 14, Table 15, and Table 16). The MSB has a weight of
0.01°/sec, and each subsequent bit has ½ the weight of the
previous one.
Table 14. X_GYRO_LOW (Page 0, Base Address = 0x10)
Bits
Description
[15:0]
X-axis gyroscope data; additional resolution bits
Table 15. Y_GYRO_LOW (Page 0, Base Address = 0x14)
Bits
Description
[15:0]
Y-axis gyroscope data; additional resolution bits
Table 16. Z_GYRO_LOW (Page 0, Base Address = 0x18)
Bits
Description
[15:0]
Z-axis gyroscope data; additional resolution bits
PIN 1
PIN 23
aY
gY
Y-AXIS
gX
X-AXIS
aX
Z-AXIS
aZ
gZ
Figure 19. Inertial Sensor Direction Reference Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com