| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9557/PCBZ bảng dữ liệu(PDF) 50 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9557/PCBZ bảng dữ liệu(HTML) 50 Page - Analog Devices |
|
50 / 92 page ![]() AD9557 Data Sheet Rev. A | Page 50 of 92 Data Transfer Format Write byte format—the write byte protocol is used to write a register address to the RAM, starting from the specified RAM address. S Slave address W A RAM address high byte A RAM address low byte A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Send byte format—the send byte protocol is used to set up the register address for subsequent reads. S Slave address W A RAM address high byte A RAM address low byte A P Receive byte format—the receive byte protocol is used to read the data byte(s) from RAM, starting from the current address. S Slave address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Read byte format—the combined format of the send byte and the receive byte. S Slave Address W A RAM Address High Byte A RAM Address Low Byte A Sr Slave Address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P I²C Serial Port Timing SSr P S SDA SCL tSP tHD; STA tSU; STA tSU; DAT tHD; DAT tHD; STA tSU; STO tBUF tR tF tR tF tHIGH tLOW Figure 54. I²C Serial Port Timing Table 30. I2C Timing Definitions Parameter Description fSCL Serial clock tBUF Bus free time between stop and start conditions tHD; STA Repeated hold time start condition tSU; STA Repeated start condition setup time tSU; STO Stop condition setup time tHD; DAT Data hold time tSU; DAT Date setup time tLOW SCL clock low period tHIGH SCL clock high period tR Minimum/maximum receive SCL and SDA rise time tF Minimum/maximum receive SCL and SDA fall time tSP Pulse width of voltage spikes that must be suppressed by the input filter |