| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2420Z-RTR1 bảng dữ liệu(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2420Z-RTR1 bảng dữ liệu(HTML) 44 Page - Texas Instruments |
|
44 / 92 page ![]() CC2420 SWRS041B Page 44 of 89 Wait for the specified crystal oscillator start-up time, or poll the XOSC16M_STABLE status bit Power Down (PD) [0] SXOSCON IDLE [1] Wait until voltage regulator has powered up Voltage Regulator Off VREG_EN set low VREG_EN set high Chip Reset (pin or register) All States SXOSCOFF command strobe All States except Power Down (PD) SRFOFF TX_CALIBRATE [32] All RX states TX_PREAMBLE [34, 35 and 36] 8 or 12 symbol periods later Preamble and SFD is transmitted TX_FRAME [37, 38 and 39] TXFIFO Data is transmitted RX_CALIBRATE [2 and 40] RX_SFD_SEARCH [3, 4, 5 and 6] RX_FRAME [16 and 40] 12 symbol periods later SFD found Frame received or failed address recognition Automatic or manual acknowledge request TX_ACK_CALIBRATE [48] 12 symbol periods later TX_ACK_PREAMBLE [49, 50 and 51] TX_ACK [52, 53 and 54] Acknowledge completed RX_OVERFLOW [17] Crystal oscillator disabled, register access enabled, FIFO / RAM access disabled RX_WAIT [14] TX_UNDERFLOW [56] Ov erf low Underflow SFLU SHRX The transition from TX_UNDERFLOW to RX_CALIBRATE is automatic, but SFLUSHTX must be used to reset underflow indication Figure 25. Radio control states |