| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXDN0037 bảng dữ liệu(PDF) 22 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXDN0037 bảng dữ liệu(HTML) 22 Page - IXYS Corporation |
|
22 / 31 page ![]() Ballast Demonstrator User Guide -21 7629A–AVR–04/06 5.3 Lamp_ctrl.c Th is file exe c u t es L a mp state mach ine a c co rd ing to th e sch ed ule r in the Main_AT8xEB5114_fluo_demo.c file. 5.3.1 Lamp State Machine The Lamp state machine functional diagram is shown below: Figure 5-4. LAMP state machine The different states are outlined below: LAMP_OFF Nothing happens, the exiting of this state takes place as soon as the gv_pfc_state is set to PFC_CONTROL_LOOP. CONFIGURE_LAMP_PREHEAT This is the first time the lamp has tried to be started since the user has requested the switch on. Configure the Amplifier0 which is used to measure the current then configure the PSC2 according to the definitions in the config.h file, and initialize all the lamp control variables. Then jump to the LAMP_PREHEAT state. LAMP_PREHEAT Let the preheat sequence for LAMP_PREHEAT_TIME. Then jump to the LAMP_NUMBER_CHECK state. CONFIGURE_LAMP_PREHEAT START_IGNITION LAMP_PREHEAT LAMP_NUMBER_CHECK g_lamp_time_multiplier >= LAMP_PREHEAT_TIME_MULTIPLIER gs_lamp_check_number >= 15 LAMP_OFF gv_pfc_state==PFC_CONTROL_LOOP g_inverter_comparison_values.ontime1 < INVERTER_XXX_LAMP_IGNITION_HALF_PERIOD IGNITION Get_i_lamp() >= ONE_LAMP_MINIMUM_IGNITION_CURRENT && et_v_lamp() < IGNITION_MAXIMUM_IGNITION_VOLTAGE RESTART_PREHEAT gs_lamp_ignition_tries < LAMP_IGNITION_MAX_TRIES START_RUN_MODE g_inverter_comparison_values.ontime1 >= INVERTER_RUN_HALF_PERIOD RUN_MODE g_number_of_lamps > 0 TOO_MANY_LAMP_IGNITION_TRIES NO_LAMP |