| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F5631ACDFB bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ACDFB bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp |
|
28 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 28 of 106 Dec 27, 2011 RX63N Group, RX631 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. Note 1. 176-pin LFBGA does not have E5 pin Note 2. The BCLK function is multiplexed with the I/O port function for pin P53, so the port function is not available if the external bus is enabled. Note 3. Enabled only for the on-chip ROM capacity: 2 Mbytes/1.5 Mbytes P2 P17 MTIOC3A/MTIOC3B/ TIOCB0/TCLKD/TMO1/ PO15/POE8# SCK1/TXD3/SMOSI3/ SSDA3/MISOA/SDA2-DS/ IETXD/USB1_VBUS IRQ7 ADTRG# P3 P87 TIOCA2 P4 P14 MTIOC3A/MTCLKA/ TIOCB5/TCLKA/TMRI2/ PO15 CTS1#/RTS1#/SS1#/ CTX1/USB0_DPUPE/ USB0_OVRCURA IRQ4 P5 P10 MTIC5W/TMRI3 IRQ0 P6 VCC_USB P7 VSS_USB P8 USB1_DP P9 P52 RD# RXD2/SMISO2/SSCL2/ SSLB3 P10 P83 EDACK1 MTIOC4C ET_CRS/RMII_CRS_DV/ CTS10#/RTS10#/SS10# P11 PC6 A22/CS1# MTIOC3C/MTCLKA/ TIOCA6/TMCI2/PO30 ET_ETXD3/RXD8/ SMISO8/SSCL8/MOSIA IRQ13 P12 PC4 A20/CS3# MTIOC3D/MTCLKC/ TIOCC6/TCLKE/TMCI1/ PO25/POE0# ET_TX_CLK/SCK5/ CTS8#/RTS8#/SS8#/ SSLA0 P13 PC2 A18 MTIOC4B/TCLKA/PO21 ET_RX_DV/RXD5/ SMISO5/SSCL5/SSLA3/ IERXD P14 P75 CS5# PO20 ET_ERXD0/RMII_RXD0/ SCK11 P15 VCC R1 P21 MTIOC1B/TIOCA3/ TMCI0/PO1 RXD0/SMISO0/SSCL0/ SCL1/USB0_EXICEN IRQ9 R2 P20 MTIOC1A/TIOCB3/ TMRI0/PO0 TXD0/SMOSI0/SSDA0/ SDA1/USB0_ID IRQ8 R3 P16 MTIOC3C/MTIOC3D/ TIOCB1/TCLKC/TMO2/ PO14/RTCOUT TXD1/RXD3/SMOSI1/ SMISO3/SSDA1/SSCL3/ MOSIA/SCL2-DS/IERXD/ USB0_VBUS/ USB0_VBUSEN/ USB0_OVRCURB IRQ6 ADTRG0# R4 P85 R5 P11 MTIC5V/TMCI3 SCK2 IRQ1 R6 USB0_DM R7 USB0_DP R8 USB1_DM R9 P84 R10 VSS R11 VCC R12 P80 EDREQ0 MTIOC3B/PO26 ET_TX_EN/ RMII_TXD_EN/SCK10 R13 P76 CS6# PO22 ET_RX_CLK/REF50CK/ RXD11/SMISO11/SSCL11 R14 P74 CS4# PO19 ET_ERXD1/RMII_RXD1/ CTS11#/RTS11#/SS11# R15 PC1 A17 MTIOC3A/TCLKD/PO18 ET_ERXD2/SCK5/SSLA2/ SDA3 IRQ12 Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (5/5) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC Timer Communications Interrupt S12AD, AD, DA 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, POE) (ETHERC, SCIc, SCId, RSPI, RIIC, CAN, IEB, USB) |