công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F5631ACDFB bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện R5F5631ACDFB
Giải thích chi tiết về linh kiện  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ACDFB bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  R5F5631ACDFB Datasheet HTML 1Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 2Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 3Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 4Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 5Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 6Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 7Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 8Page - Renesas Technology Corp R5F5631ACDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 4 of 106
Dec 27, 2011
RX63N Group, RX631 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Timers
16-bit timer pulse unit
(TPUa)
 (16 bits x 6 channels) x 2 unit
 Maximum of 16 pulse-input/output possible
 Select from among seven or eight counter-input clock signals for each channel
 Input capture/output compare function
Output of PWM waveforms in up to 15 phases in PWM mode
 Buffered operation and phase-counting mode (two phase encoder input) depending on
the channel
 Support for cascade-connected operation (32 bits x 2 channels)
 PPG output trigger can be generated
 Capable of generating conversion start triggers for the A/D converters
 Signals from the input capture pins are input via a digital filter
 Clock frequency measuring method
Multi-function timer
pulse unit 2 (MTU2a)
 (16 bits x 6 channels) x 1 unit
 Time bases for the 6 16-bit timer channels can be provided via up to 16 pulse-input/
output lines and three pulse-input lines
 Select from among eight counter-input clock signals for each channel (PCLK/1, PCLK/
4, PCLK/16, PCLK/64, TCLKA, TCLKB, TCLKC, TCLKD) other than channel 5, for
which only four signals are available.
 Input capture function
 21 output compare/input capture registers
 Complementary PWM output mode
 Reset synchronous PWM mode
 Phase-counting mode
 Generation of triggers for A/D converter conversion
 Digital filter
 Signals from the input capture pins are input via a digital filter
 PPG output trigger can be generated
 Clock frequency measuring function
Frequency measuring
method (MCK)
The MTU or unit 0 TPU module can be used to monitor the main clock, subclock,
HOCO clock, LOCO clock, and PLL clock for abnormal frequencies.
Port output enable 2
(POE2a)
Controls the high-impedance state of the MTU’s waveform output pins
Programmable pulse
generator (PPG)
 (4 bits x 4 groups) x 2 units
 Pulse output with the MTU2 or TPU output as a trigger
 Maximum of 32 pulse-output possible
8-bit timers (TMR)
 (8 bits x 2 channels) x 2 units
 Select from among seven internal clock signals (PCLK, PCLK/2, PCLK/8, PCLK/32,
PCLK/64, PCLK/1024, PCLK/8192) and one external clock signal
 Capable of output of pulse trains with desired duty cycles or of PWM signals
 The 2 channels of each unit can be cascaded to create a 16-bit timer
 Generation of triggers for A/D converter conversion
 Capable of generating baud-rate clocks for SCI5, SCI6, and SCI12
Compare match timer
(CMT)
 (16 bits x 2 channels) x 2 units
 Select from among four internal clock signals (PCLK/8, PCLK/32, PCLK/128, PCLK/
512)
Realtime clock (RTCa)
 Clock sources: Main clock, subclock
 Clock and calendar functions
Interrupt sources: Alarm interrupt, periodic interrupt, and carry interrupt
 Battery backup operation
 Time-capture facility for three values
Watchdog timer
(WDTA)
 14 bits x 1 channel
 Select from among 6 counter-input clock signals (PCLK/4, PCLK/64, PCLK/128, PCLK/
512, PCLK/2048, PCLK/8192)
Independent watchdog
timer (IWDTa)
 14 bits x 1 channel
 Counter-input clock: IWDT-dedicated on-chip oscillator
 Dedicated clock/1, dedicated clock/16, dedicated clock/32, dedicated clock/64,
dedicated clock/128, dedicated clock/256
Table 1.1
Outline of Specifications (3/5)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com