| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F64110DFB bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64110DFB bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 8 of 99 Sep 26, 2011 R32C/111 Group 1. Overview 1.2 Product Information Table 1.7 lists the product information and Figure 1.1 shows the details of the part number. Notes: 1. The old package codes are as follows: PLQP0100KB-A: 100P6Q-A PTLG0100KA-A: 100F0M PLQP0080KB-A: 80P6Q-A PLQP0064KB-A: 64P6Q-A 2. Data flash memory provides an additional 8 Kbytes of ROM. Table 1.7 R32C/111 Group Product List As of September, 2011 Part Number Package Code (1) ROM Capacity (2) RAM Capacity Remarks R5F64110NFB (P) PLQP0100KB-A 256 Kbytes +8 Kbytes 63 Kbytes -20°C to 85°C (N version) R5F64110DFB -40°C to 85°C (D version) R5F64111NFB (P) 384 Kbytes +8 Kbytes -20°C to 85°C (N version) R5F64111DFB -40°C to 85°C (D version) R5F64112NFB (P) 512 Kbytes +8 Kbytes -20°C to 85°C (N version) R5F64112DFB -40°C to 85°C (D version) R5F64114NFB (P) 256 Kbytes +8 Kbytes 40 Kbytes -20°C to 85°C (N version) R5F64114DFB -40°C to 85°C (D version) R5F64115NFB (P) 384 Kbytes +8 Kbytes -20°C to 85°C (N version) R5F64115DFB -40°C to 85°C (D version) R5F64116NFB (P) 512 Kbytes +8 Kbytes -20°C to 85°C (N version) R5F64116DFB -40°C to 85°C (D version) R5F64111NLG PTLG0100KA-A 384 Kbytes +8 Kbytes 63 Kbytes -20°C to 85°C (N version) R5F64111DLG (P) -40°C to 85°C (D version) R5F64112NLG 512 Kbytes +8 Kbytes -20°C to 85°C (N version) R5F64112DLG (P) -40°C to 85°C (D version) R5F6411FNLG 256 Kbytes +8 Kbytes 32 Kbytes -20°C to 85°C (N version) R5F6411FDLG (P) -40°C to 85°C (D version) R5F6411ENFP (P) PLQP080KB-A 128 Kbytes +8 Kbytes 32 Kbytes -20°C to 85°C (N version) R5F6411EDFP (P) -40°C to 85°C (D version) R5F6411FNFP (P) 256 Kbytes +8 Kbytes -20°C to 85°C (N version) R5F6411FDFP (P) -40°C to 85°C (D version) R5F6411ENFN (P) PLQP064KB-A 128 Kbytes +8 Kbytes 32 Kbytes -20°C to 85°C (N version) R5F6411EDFN -40°C to 85°C (D version) R5F6411FNFN (P) 256 Kbytes +8 Kbytes -20°C to 85°C (N version) R5F6411FDFN -40°C to 85°C (D version) (P): On planning phase |