công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCD221 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MCD221
Giải thích chi tiết về linh kiện  CD-Interface and Audio Processor(CIAP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD221 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MCD221 Datasheet HTML 2Page - Motorola, Inc MCD221 Datasheet HTML 3Page - Motorola, Inc MCD221 Datasheet HTML 4Page - Motorola, Inc MCD221 Datasheet HTML 5Page - Motorola, Inc MCD221 Datasheet HTML 6Page - Motorola, Inc MCD221 Datasheet HTML 7Page - Motorola, Inc MCD221 Datasheet HTML 8Page - Motorola, Inc MCD221 Datasheet HTML 9Page - Motorola, Inc MCD221 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MCD221
2–9
MOTOROLA
FU SUFFIX
CASE 841B–01
PACKAGE DIMENSIONS
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
13.90
13.90
2.15
0.22
2.00
0.22
—
0.13
0.65
5
°
0.13
0
°
0.13
16.95
0.13
0
°
16.95
0.35
14.10
14.10
2.45
0.38
2.40
0.33
0.25
0.23
0.95
10
°
0.17
7
°
0.30
17.45
—
—
17.45
0.45
0.547
0.547
0.084
0.009
0.079
0.009
—
0.005
0.026
5
°
0.005
0
°
0.005
0.667
0.005
0
°
0.667
0.014
0.555
0.555
0.096
0.015
0.094
0.013
0.010
0.009
0.037
10
°
0.007
7
°
0.012
0.687
—
—
0.687
0.018
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE -H- IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD WHERE
THE LEAD EXITS THE PLASTIC BODY AT THE
BOTTOM OF THE PARTING LINE.
4. DATUMS -A-, -B- AND -D- TO BE DETERMINED AT
DATUM PLANE -H-.
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE -C-.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE DETERMINED
AT DATUM PLANE -H-.
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT.
P
-A,B,D-
B
B
DETAIL A
F
D
N
SECTION B-B
J
-H-
DATUM
PLANE
DETAIL C
K
Q
R
T
W
X
U
0.01 (0.004)
-H-
DATUM
PLANE
60
61
80
120
21
40
41
DETAIL C
SEATING
PLANE
-C-
M
C
H
M
G
-B-
-A-
-D-
B
A
L
S
V
L
E
DETAIL A
H
0.20 (0.008)
A–B
D
S
S
M
C
0.20 (0.008)
A–B
D
A–B
0.05 (0.002)
S
S
M
C
0.20 (0.008)
A–B
D
S
S
M
0.65 BSC
0.026 BSC
12.35 BSC
0.486 BSC
0.325 BSC
0.013 BSC
1.6 REF
0.06 REF



Html Pages

1 2 3 4 5 6 7 8 9 10