| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCD221 bảng dữ liệu(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MCD221 bảng dữ liệu(HTML) 5 Page - Motorola, Inc |
|
5 / 10 page ![]() MCD221 2–5 MOTOROLA FUNCTIONAL DESCRIPTION DATA FLOW DIAGRAM DATA INPUT (DI) CD DATA IN AUDIO PROCESSOR (AP) HOST INTERFACE (HI) CONTROLLER (MC) MCD221 CIAP EXTERNAL AUDIO IN AUDIO OUT 68xxx HOST INTERFACE The MCD221 Data Flow Diagram should be used in con- junction with the following notes which outline the function of the various blocks within the device: • The data input module consists of two parts; a main chan- nel decoder and a subchannel decoder. Both decoders can be active at the same time. The main channel decoder can be in different modes; CD–DA mode, CD–ROM mode, or CD–i mode. • The audio processor module accepts an external audio input and, after processing, generates an audio output. • The microcode controller interface takes care of accept- ing commands and passing data to the different parts of the audio processing unit. • The host interface takes care of addressing the internal registers and buffers. The CIAP can interface with two pos- sible hosts; a 68000 type host or a microcontroller that in- terfaces via a serial link. |