công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD6806TD bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện LD6806TD
Giải thích chi tiết về linh kiện  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806TD bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  LD6806TD Datasheet HTML 1Page - NXP Semiconductors LD6806TD Datasheet HTML 2Page - NXP Semiconductors LD6806TD Datasheet HTML 3Page - NXP Semiconductors LD6806TD Datasheet HTML 4Page - NXP Semiconductors LD6806TD Datasheet HTML 5Page - NXP Semiconductors LD6806TD Datasheet HTML 6Page - NXP Semiconductors LD6806TD Datasheet HTML 7Page - NXP Semiconductors LD6806TD Datasheet HTML 8Page - NXP Semiconductors LD6806TD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
2 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
1.3 Applications
Analog and digital interfaces requiring lower than standard supply voltage in mobile
appliances such as mobile phones, media players and so on.
2.
Pinning information
2.1 Pinning
2.2 Pin description
Fig 1.
Configuration for SOT753
Fig 2.
Configuration for WLCSP4
Fig 3.
Configuration for SOT886
13
2
4
5
001aao107
transparent top view,
solder balls facing down
B
A
2
1
bump A1
index area
LD6806
n.c.
001aao333
OUT
GND
n.c.
IN
EN
Transparent top view
2
3
1
5
4
6
Table 1.
Pin description for SOT753
Symbol
Pin
Description
IN
1
supply voltage input
GND
2
supply ground
EN
3
device enable input; active HIGH
n.c.
4
not connected
OUT
5
regulator output voltage
Table 2.
Pin description for WLCSP4
Symbol
Pin
Description
GND
A1
supply ground
EN
A2
device enable input; active HIGH
OUT
B1
regulator output voltage
IN
B2
supply voltage input
Table 3.
Pin description for SOT886
Symbol
Pin
Description
OUT
1
regulator output voltage
n.c.
2
not connected
GND
3
supply ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com