| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F16KA102 bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA102 bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 278 page ![]() 2008-2011 Microchip Technology Inc. DS39927C-page 15 PIC24F16KA102 FAMILY PGC1 5 2 5 2 I/O ST In-Circuit Debugger and ICSP™ Programming Clock PGD1 4 1 4 1 I/O ST In-Circuit Debugger and ICSP Programming Data PGC2 2 19 22 19 I/O ST In-Circuit Debugger and ICSP Programming Clock PGD2 3 20 21 18 I/O ST In-Circuit Debugger and ICSP Programming Data PGC3 10 7 15 12 I/O ST In-Circuit Debugger and ICSP Programming Clock PGD3 9 6 14 11 I/O ST In-Circuit Debugger and ICSP Programming Data RA0 2 19 2 27 I/O ST PORTA Digital I/O RA1 3 20 3 28 I/O ST RA2 7 4 9 6 I/O ST RA3 8 5 10 7 I/O ST RA4 10 7 12 9 I/O ST RA5 1 18 1 26 I/O ST RA6 14 11 20 17 I/O ST RA7 — — 19 16 I/O ST RB0 4 1 4 1 I/O ST PORTB Digital I/O RB1 5 2 5 2 I/O ST RB2 6 3 6 3 I/O ST RB3 — — 7 4 I/O ST RB4 9 6 11 8 I/O ST RB5 — — 14 11 I/O ST RB6 — — 15 12 I/O ST RB7 11 8 16 13 I/O ST RB8 12 9 17 14 I/O ST RB9 13 10 18 15 I/O ST RB10 — — 21 18 I/O ST RB11 — — 22 19 I/O ST RB12 15 12 23 20 I/O ST RB13 16 13 24 21 I/O ST RB14 17 14 25 22 I/O ST RB15 18 15 26 23 I/O ST REFO 18 15 26 23 O — Reference Clock Output RTCC 17 14 25 22 O — Real-Time Clock Alarm Output SCK1 15 12 22 19 I/O ST SPI1 Serial Clock Input/Output SCL1 12 9 17, 15(1) 14, 12 (1) I/O I2C I2C1 Synchronous Serial Clock Input/Output SDA1 13 10 18, 14(1) 15, 11(1) I/O I2C I2C1 Data Input/Output SDI1 17 14 21 18 I ST SPI1 Serial Data Input SDO1 16 13 24 21 O — SPI1 Serial Data Output SOSCI 9 6 11 8 I ANA Secondary Oscillator Input SOSCO 10 7 12 9 O ANA Secondary Oscillator Output SS1 18 15 26 23 I/O ST Slave Select Input/Frame Select Output (SPI1) TABLE 1-2: PIC24F16KA102 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 20-Pin PDIP/SSOP/ SOIC 20-Pin QFN 28-Pin SPDIP/ SSOP/SOIC 28-Pin QFN Legend: ST = Schmitt Trigger input buffer, ANA = Analog level input/output, I2C™ = I2C/SMBus input buffer Note 1: Alternative multiplexing when the I2C1SEL Configuration bit is cleared. |