| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F16KA102 bảng dữ liệu(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA102 bảng dữ liệu(HTML) 77 Page - Microchip Technology |
|
77 / 278 page ![]() 2008-2011 Microchip Technology Inc. DS39927C-page 77 PIC24F16KA102 FAMILY REGISTER 8-11: IEC3: INTERRUPT ENABLE CONTROL REGISTER 3 U-0 R/W-0 U-0 U-0 U-0 U-0 U-0 U-0 —RTCIE — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 Unimplemented: Read as ‘0’ bit 14 RTCIE: Real-Time Clock and Calendar Interrupt Enable bit 1 = Interrupt request is enabled 0 = Interrupt request is not enabled bit 13-0 Unimplemented: Read as ‘0’ |