công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC94310-NYCS bảng dữ liệu(PDF) 1 Page - Micrel Semiconductor

tên linh kiện MIC94310-NYCS
Giải thích chi tiết về linh kiện  200mA LDO with Ripple Blocker??Technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-NYCS bảng dữ liệu(HTML) 1 Page - Micrel Semiconductor

  MIC94310-NYCS Datasheet HTML 1Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 2Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 3Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 4Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 5Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 6Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 7Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 8Page - Micrel Semiconductor MIC94310-NYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC94310
200mA LDO with
Ripple Blocker
™ Technology
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ripple Blocker is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
February 2012
M9999-020612-A
General Description
The MIC94310 Ripple Blocker™ is a monolithic integrated
circuit that provides low-frequency ripple attenuation
(switching noise rejection) to a regulated output voltage.
This is important for applications where a DC/DC switching
converter is required to lower or raise a battery voltage but
where switching noise cannot be tolerated by sensitive
downstream circuits such as in RF applications. The
MIC94310 maintains high power supply ripple rejection
(PSRR) with input voltages operating near the output
voltage level to improve overall system efficiency. A low-
voltage logic enable pin facilitates ON/OFF control at
typical GPIO voltage levels.
The MIC94310 operates from an input voltage of 1.8V to
3.6V.
Packaged in a 0.88mm x 0.88mm 4-ball CSP or a 4-pin
1.2mm x 1.6mm Thin MLF
®, the MIC94310 has a junction
operating temperature range of –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 1.8V to 3.6V input voltage range
• Active noise rejection over a wide frequency band
−
>50dB from 10Hz to 10MHz at 200mA load
• Rated to 200mA output current
• Fixed output voltages
• Current-limit and thermal-limit protected
• Ultra-small 0.88mm x 0.88mm 4-ball CSP
• 1.2mm x 1.6mm, 4-pin Thin MLF®
• Logic-controlled enable pin
• −40°C to +125°C junction temperature range
Applications
• Smart phones
• Tablet PC/notebooks and webcams
• Digital still and video cameras
• Global positioning systems
• Mobile computing
• Automotive and industrial applications
_________________________________________________________________________________________________
Typical Application
PSRR COUT = 1µF
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
IOUT = 200mA
IOUT = 100mA
IOUT = 10mA
VIN = 2.5V + 40mVpp
VOUT = 1.8V
10
100
1K
10K
100K
1M
10M


Số phần tương tự - MIC94310-NYCS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC94310-NYCS MICREL-MIC94310-NYCS Datasheet
958Kb / 15P
200mA LDO with Ripple Blocker??Technology
More results

Mô tả tương tự - MIC94310-NYCS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
200mA Switch with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
200mA Switch with Ripple Blocker??Technology
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
500mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
200mA LDO with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
500mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
200mA LDO with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com