| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTS2002 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS2002 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 52 page ![]() SPD EEPROM operation STTS2002 38/52 Doc ID 15389 Rev 5 5.7 Initial delivery state - SPD The device is delivered with all bits in the memory array set to ‘1’ (each byte contains FFh). Table 26. Acknowledge when reading the write protection (instructions with R/W bit=1) Status Instruction Ack Address Ack Data byte Ack Permanently protected PSWP, SWP or CWP NoAck Not significant NoAck Not significant NoAck Protected with SWP SWP NoAck Not significant NoAck Not significant NoAck CWP Ack Not significant NoAck Not significant NoAck PSWP Ack Not significant NoAck Not significant NoAck Not protected PSWP, SWP or CWP Ack Not significant NoAck Not significant NoAck |