| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DLM bảng dữ liệu(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLM bảng dữ liệu(HTML) 6 Page - ITT Industries |
|
6 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 5 ZIF Connectors DLM DLM Product Introduction CannonhasexpandedtheDL-ZIFSeries offering with the addition of the DLM (Metal Shell) versions. The DLM uses a rugged nickel plated aluminum housing. The Shield-Locking Mechanism feature (see illustration below) ensures uniform mating pressure around the perimeter of the mated connector to create an EMI/RFI shield. Facilitates compliance of equipment to CE EMC directives. Materials and Finishes DLM1/2/3/5/6 Housing Aluminum alloy, nickel plated DLM1/2/3/5/6 Insulator Glass filled thermoplastic, UL 94V-0 rated, Color: Black Crimp Contact* Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, tin lead on balance Square Post Contact Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, gold flash on balance PC/RC Contact Copper alloy, 20 µ inches gold over nickel in mating area, tin lead on balance Actuating Camshaft Stainless steel, Passivated Insulator Retainer (Plug Only) Stainless steel, Passivated * Order crimp contacts separately, see pages 52-53. The DLM1/2/3 connectors are an extension of the DL line, similar to the current DLM5 and DLM6 products.The DLM series connectors are inter- mateable to the DL (Plastic) versions for backwards/forwards compatibility. The DLM Series are offered with the 3,18(.125) long 0,64(.025) square post 50 µ inch gold contacts, as well as the 4,50(.177) long X 0,50(.020) PC/RC round tail contacts. |