công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLM bảng dữ liệu(PDF) 45 Page - ITT Industries

tên linh kiện DLM
Giải thích chi tiết về linh kiện  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM bảng dữ liệu(HTML) 45 Page - ITT Industries

Back Button DLM Datasheet HTML 41Page - ITT Industries DLM Datasheet HTML 42Page - ITT Industries DLM Datasheet HTML 43Page - ITT Industries DLM Datasheet HTML 44Page - ITT Industries DLM Datasheet HTML 45Page - ITT Industries DLM Datasheet HTML 46Page - ITT Industries DLM Datasheet HTML 47Page - ITT Industries DLM Datasheet HTML 48Page - ITT Industries DLM Datasheet HTML 49Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
44
ZIF Connectors
Accessories
Metal Backshell
DL1, DLM1
DL1, DLM1 is a two piece shell design.
Kit consists of 2 shells, 10 screws,
1 wire hood, 1 wire clamp, 1 lock/open
indication seal.
Materials and Finishes
Shell:
Nickel over die cast aluminum
Hardware:
Stainless Steel
Used On
Part Number
Mounting
Max Cable
Entry
DL1, DLM1
249-4516-000
Straight or 90
°
19,05 (.750)
Wire hood may be installed in two positions. 90
° cable entry as shown or straight entry by rotating wire hood.
DL2, DLM2
DL2, DLM2 is a two piece shell design.
Kit consists of 2 shells, 9 screws,
1 wire hood, 1 wire clamp, 1 lock/open
indication seal.
Materials and Finishes
Shell:
Nickel over die cast aluminum
Hardware:
Stainless Steel
Used On
Part Number
Mounting
Max Cable
Entry
DL2, DLM2
249-4517-000
Straight or 90
°
19,05 (.750)
Wire hood may be installed in two positions. 90
° cable entry as shown or straight entry by rotating wire hood.
DL3, DLM3
DL3, DLM3 is a two piece shell design.
Kit consists of 2 shells, 9 screws,
1 wire hood, 1 wire clamp, 1 lock/open
indication seal.
Materials and Finishes
Shell:
Nickel over die cast aluminum
Hardware:
Stainless Steel
Used On
Part Number
Mounting
Max Cable
Entry
DL3, DLM3
249-4518-000
Straight or 90
°
19,05 (.750)
Wire hood may be installed in two positions. 90
° cable entry as shown or straight entry by rotating wire hood.
(1.43)
36,3
123,4 (4.86)
(.96)
24,5
(1.91)
48,6
C
L
111,4 (4.38)
1
(1.11)
28,1
C
L
65,8 (2.59)
(.96)
24,5
77,8 (3.06)
(1.43)
36,3
(1.30)
33,0
L
C
1
(1.11)
28,1
L
C
33,0
(1.30)
36,3
(1.43)
77,8 (3.06)
24,5
(.96)
65,8 (2.59)
L
C
1
28,1
(1.11)
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76