| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC111 bảng dữ liệu(PDF) 5 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC111 bảng dữ liệu(HTML) 5 Page - Espros Photonics corp |
|
5 / 14 page ![]() epc111/112 Functional Description Evaluation of single light pulse For each single light pulse, received and detected by the LED, the threshold levels are processed according to the following principle to propagate the output signals OUTN and OUTH resp. OUTNINT and OUTHINT. As far the received light pulse signal exceeds the corresponding threshold level, the pulse will be recognized as a valid pulse and the detection circuit sets the appropriate output signal OUTN INT or OUTHINT. Signal output OUTN Light reserve OUTH I PD Threshold levels: OUTN INT Light pulse detection Light reserve detection I PD OUTH INT t t t t t t Figure 3: Pulse evaluation Pulse Modulated Operation (e.g. OUTNint to OUTN) The epc111/112 chip operates the LED and the receiver path on a pulse modulated concept. Thus, the LED is operated with short pulses whereas the receiver channel does synchronous demodulation of the received light pulses by reading the current pulses of the photodiode. This concept allows a very high sensitivity, high speed operation, and a high suppression of input ambient or foreign light (DC currents) generated by sunlight or other DC light sources like light bulbs. In order to eliminate interference caused by modulated light, e.g. a flashing light or by other light barriers, the input signal from the photodiode is amplified, filtered, and processed by an integrated signal processor. If the photodiode signal meets the required frequency, pattern and amplitude, the output(s) are triggered. The following timing diagram shows the basic concept. Emitter LED Beam interrupted Photo diode current I PD no yes OUTN INT or OUTH INT t R 1 2 n M t F 1 2 n V t Pulse t Cycle OUTN or OUTH off on [V] Response time valid (non-missing) pulses Release time missing pulses Figure 4: Pulse modulation concept It is in fact a digital filter which counts missing and non-missing pulses to change the ou tput state of OUTN or OUTH. © 2011 ESPROS Photonics Corporation Characteristics subject to change without notice 5 Datasheet epc111_112 - V2.2 www.espros.ch |