công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPC111 bảng dữ liệu(PDF) 3 Page - Espros Photonics corp

tên linh kiện EPC111
Giải thích chi tiết về linh kiện  Fully integrated standalone light barrier driver & receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPC [Espros Photonics corp]
Trang chủ  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC111 bảng dữ liệu(HTML) 3 Page - Espros Photonics corp

  EPC111 Datasheet HTML 1Page - Espros Photonics corp EPC111 Datasheet HTML 2Page - Espros Photonics corp EPC111 Datasheet HTML 3Page - Espros Photonics corp EPC111 Datasheet HTML 4Page - Espros Photonics corp EPC111 Datasheet HTML 5Page - Espros Photonics corp EPC111 Datasheet HTML 6Page - Espros Photonics corp EPC111 Datasheet HTML 7Page - Espros Photonics corp EPC111 Datasheet HTML 8Page - Espros Photonics corp EPC111 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
epc111/112
Other Data
Symbol
Parameter
Conditions/Comments
Types
Values
Units
Min.
Typ.
Max.
IPDN
Photo Current Sensitivity OUTN
Pulse height to trigger internal threshold
OUTN. Refer to Functional Description
epc111
60
nA
epc112
108
IPDH
Photo Current Sensitivity OUTH
Pulse height to trigger internal threshold
OUTH. Refer to Functional Description
epc111
96
nA
epc112
144
Ipulse
Maximum Input Pulse Current
If the input current pulse is above this level,
the recovery time tREC becomes trelax . (refer to
parameter trelax)
epc111
100
µA
epc112
100
IN_Imin
Input related noise
@ IPDDC =0
15
nA RMS
IN_Imax
Input related noise
@ IPDDC =IPDDCMax
20
nA RMS
IPDDC
DC Photo Diode Current
generated by ambient light with no effect to
the sensitivity
0.0
2
mA
CPD
Photodiode Capacitance
Refer to section Application Information,
Photodiode Capacitance
50
pF
tPulse
LED Pulse Length
epc111
2
µs
epc112
1
tCycle
LED Cycle Time
epc111
100
µs
epc112
10
trelax
Recovery time
after a strong current pulse (Ipulse = 100µA)
epc111
50
µs
epc112
50
tR
Response Time
Minimum time from light beam detection to
status change of the output OUTN or OUTH.
tR_MAX = ( nV + 1 ) * tCycle
epc111
800
900
µs
epc112
30
40
tF
Release Time (fall time)
Minimum time from beam interruption to
status change of the output OUTN or OUTH.
tF_MAX = ( nM + 1 ) * tCycle
epc111
800
900
µs
epc112
20
30
nV
Valid pulse counts
Number of valid (non-missing) pulses to
trigger the output. Refer to Functional
Description
epc111
8
epc112
3
nM
Missing pulse counts
Number of missing pulses to release the
output. Refer to Functional Description
epc111
8
epc112
2
Other Parameters
(typical values, Tamb = 25°C, VDD = 3.3V)
0
1
2
3
4
5
6
40
50
60
70
80
90
100
110
120
Pulse width [us]
Figure 2: Input Sensitivity vs. LED pulse width
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
3
Datasheet epc111_112 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com