công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSSA310S bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện VSSA310S
Giải thích chi tiết về linh kiện  Surface Mount Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSA310S bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  VSSA310S Datasheet HTML 1Page - Vishay Siliconix VSSA310S Datasheet HTML 2Page - Vishay Siliconix VSSA310S Datasheet HTML 3Page - Vishay Siliconix VSSA310S Datasheet HTML 4Page - Vishay Siliconix VSSA310S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89405
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VSSA310S
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Notes
(1) Free air, mounted on recommended PCB 1 oz. pad area; thermal resistance RJA - junction to ambient
(2) Units mounted on P.C.B. with 10 mm x 10 mm copper pad areas; RJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
100 (minimum)
-
V
Instantaneous forward voltage
IF = 3.0 A
TA = 25 °C
VF (1)
0.71
0.80
V
TA = 125 °C
0.62
0.70
Reverse current
VR = 70 V
TA = 25 °C
IR (2)
1.0
-
μA
TA = 125 °C
0.95
-
mA
VR = 100 V
TA = 25 °C
3.5
150
μA
TA = 125 °C
2.2
15
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
175
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VSSA310S
UNIT
Typical thermal resistance
RJA (1)
135
°C/W
RJM (2)
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
VSSA310S-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
VSSA310S-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
0
25
50
75
100
125
3.5
150
TM - Mount Temperature (°C)
2.5
2.0
1.5
0.5
0
1.0
T
M Measured at Terminal
3.0
0
3.6
0
2.6
Average Forward Current (A)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
2.2
2.0
1.8
1.6
2.4



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com