công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM8147 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM8147
Giải thích chi tiết về linh kiện  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 5Page - Texas Instruments TMS320DM8147 Datasheet HTML 6Page - Texas Instruments TMS320DM8147 Datasheet HTML 7Page - Texas Instruments TMS320DM8147 Datasheet HTML 8Page - Texas Instruments TMS320DM8147 Datasheet HTML 9Page - Texas Instruments TMS320DM8147 Datasheet HTML 10Page - Texas Instruments TMS320DM8147 Datasheet HTML 11Page - Texas Instruments TMS320DM8147 Datasheet HTML 12Page - Texas Instruments TMS320DM8147 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 8-12, Ethernet MAC Switch Registers:
•
Deleted ALE_PORTCTL3, ALE_PORTCTL4, ALE_PORTCTL5 (HEX ADDRESS RANGE: 0x4A10
064C, 0x4A10 0650, 0x4A10 0654, respectively)
Section 8.6.1
•
Added reference to the MDIO Registers at EMAC HEX ADDRESS RANGE 0x4A10 0800 through
EMAC Peripheral
0x4A10 08FF
Register Descriptions
•
Added missing EMAC registers at EMAC HEX ADDRESS RANGE 0x4A10 0900 through 0x4A10
0984 [Cleared E2E Issue]
Table 8-18, Timing Requirements for EMAC[x]_RMREFCLK - RMII Operation:
Section 8.6.2.2
EMAC RMII Electrical
•
Updated/Changed the MAX value for parameter NO. 4, tt(RMREFCLK), Transition time,
Data/Timing
EMAC[x]_RMREFCLK from "TBD" to "3" ns
Table 8-25, MDIO Registers:
Section 8.6.3.1
•
Added RESERVED row at HEX ADDRESS RANGE 0x4A10 088C through 0x4A10 08FF
MDIO Peripheral Register
Descriptions
Section 8.10
Section 8.10, High-Definition Video Processing Subsystem (HDVPSS):
High-Definition Video
•
Deleted "mosaic support", "region-based", and "region based" from the peripheral features bulleted
Processing Subsystem
list
(HDVPSS)
Section 8.10.1, HDVPSS Electrical Data/Timing:
•
Updated/Changed the VOUT[x]_CLK signal to be negative-edge clocking
Table 8-41, Switching Characteristics Over Recommended Operating Conditions for HDVPSS Output:
•
Updated/Changed PARAMETER NO. 6, td(CLK-x), "Delay time, VOUT[x]_CLK to control valid" to
"Delay time, VOUT[x]_CLK low (falling) to control valid"
•
Updated/Changed PARAMETER NO. 6, td(CLK-x), "Delay time, VOUT[x]_CLK to data valid" to
"Delay time, VOUT[x]_CLK low (falling) to data valid"
•
Updated/Changed the MIN value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
Section 8.10
(falling) to control valid from "0.5" to "-1.6" ns.
High-Definition Video
Processing Subsystem
•
Updated/Changed the MAX value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
(HDVPSS)
(falling) to control valid from "5" to "1.4" ns.
•
Updated/Changed the MIN value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
(falling) to data valid from "0.5" to "-1.6" ns.
•
Updated/Changed the MAX value for parameter NO. 6, td(CLK-x), Delay time, VOUT[x]_CLK low
(falling) to data valid from "5" to "1.4" ns.
Updated/Changed Figure 8-38, HDVPSS Clock Timing
Updated/Changed Figure 8-40, HDVPSS Output Timing
Section 8.11.2, I2C Electrical Data/Timing:
•
Updated/Changed the Table 8-44, Timing Requirements for I2C Input Timings
Section 8.11.2
•
Updated/Changed the Table 8-45, Switching Characteristics Over Recommended Operating
I2C Electrical Data/Timing
Conditions for I2C Output Timings
Table 8-50, Compatible JEDEC DDR2 Devices:
Section 8.13.1.1
•
Added "(Per Interface)" to the table title
DDR2 Routing Guidelines
Table 8-63, Compatible JEDEC DDR3 Devices:
•
Added "(Per Interface)" to the table title
Section 8.13.1.2
•
Updated/Changed the MAX value for parameter NO. 3, JEDEC DDR3 device count from "8" to "4"
DDR3 Routing Guidelines
Devices
Added "or up to 15 hard disk drives using a Port Multiplier" to "The Serial ATA (SATA) peripheral
Section 8.18
provides ..." paragraph
Serial ATA Controller
(SATA)
Copyright
© 2011, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com