công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM8147 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM8147
Giải thích chi tiết về linh kiện  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 4Page - Texas Instruments TMS320DM8147 Datasheet HTML 5Page - Texas Instruments TMS320DM8147 Datasheet HTML 6Page - Texas Instruments TMS320DM8147 Datasheet HTML 7Page - Texas Instruments TMS320DM8147 Datasheet HTML 8Page - Texas Instruments TMS320DM8147 Datasheet HTML 9Page - Texas Instruments TMS320DM8147 Datasheet HTML 10Page - Texas Instruments TMS320DM8147 Datasheet HTML 11Page - Texas Instruments TMS320DM8147 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
www.ti.com
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 3-31, SPI 1 Terminal Functions
•
Updated/Changed the SPI[1]_SCS[1] (W6), SPI[1]_SCS[2] (AF5), SPI[1]_SCS[3] (AE6)
Section 3.2.17
de-selected input state from "DSIS: 1" to "DSIS: PIN"
SPI
Table 3-48, Reserved Terminal Functions:
•
Updated/Changed RSV4 [Y14] and RSV5 [AC8] DESCRIPTION to "Reserved. (Leave
Section 3.2.25
unconnected, do not connect to power or ground.)" [FAE ALERT]
Reserved Pins
Table 5-1, L3 Master/Slave Connectivity:
•
Updated/Changed DSP/EDMA MMU to expose connectivity to GPMC, PCIe Gen2 Slave, McASP
0/1/2, McBSP, and L4 HS Periph Port 0
Section 5
Table 5-2, L4 Peripheral Connectivity:
System Interconnect
•
Updated/Changed the C647x CONFIG and DEMMU connectivity for "L4 Fast Peripherals Port 0/1"
and "L4 Slow Peripherals Port 0/1"
Exposed DSP for McASP, McBSP, UART, I2C, SPI, EDMA, GPIO/INT, GPMC, EMAC, PCIe,
Timers, and USB
Section 6.1, Absolute Maximum Ratings:
Section 6
•
Deleted Operating case temperature range, TC
Device Operating
Conditions
Section 6.2, Recommended Operating Conditions:
•
Deleted "4 mA I/O buffers" from the IOH, High-level output current row
•
Deleted "4 mA I/O buffers" from the IOL, Low-level output current row
•
Deleted TC , Operating case temperature range
Section 6.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted):
•
Added "(applies to all LDOCAP_x pins)" to LDOs row
•
Added MAX value of "1.5 V" to LDOs (applies to all LDOCAP_x pins) row
•
Updated/Changed VOH, High-level output voltage, LVCMOS
(2) (1.8-V I/O) MIN value from "TBD" to
"1.26" V
Section 7.3.2, Power-on Reset (POR pin):
Section 7.3
•
Deleted "for a minimum of 2 DEV Clock cycles" from sequence step 3.
Reset
•
Added "[see Section 7.3.18, Reset Electrical Data/Timing]" to sequence step 3.
External Warm Reset (RESET pin):
•
Deleted "for a minimum of 30 DEV Clock cycles" from sequence step 2.
•
Deleted "for TBD DEV Clock cycles" from sequence step 3.(c).
•
Added "[see Section 7.3.18, Reset Electrical Data/Timing]" to sequence steps 2. and 3.(c)
Table 7-10, Switching Characteristics Over Recommended Operating Conditions During Reset
Section 7.3.18
[Cleared E2E Issue]:
Reset Electrical
•
Updated/Changed the MIN/MAX "TBD" parameter values
Data/Timing
Section 8.5.3.2
Table 8-11, Switching Characteristics Over Recommended Operating Conditions for STM Trace:
JTAG Electrical
•
Updated/Changed all the MIN/MAX "TBD" parameter values
Data/Timing
8
Contents
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com