công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS9062-CFE3 bảng dữ liệu(PDF) 46 Page - Gennum Corporation

tên linh kiện GS9062-CFE3
Giải thích chi tiết về linh kiện  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 bảng dữ liệu(HTML) 46 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 38Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 39Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 40Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 41Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 42Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 43Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 44Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 45Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 46Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
CAUTION
ELECTROSTATIC SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
GENNUM CORPORATION
Mailing Address: P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Shipping Address: 970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
Tel. +1 (905) 632-2996 Fax. +1 (905) 632-5946
GENNUM JAPAN CORPORATION
Shinjuku Green Tower Building 27F, 6-14-1, Nishi Shinjuku, Shinjuku-ku, Tokyo, 160-0023 Japan
Tel. +81 (03) 3349-5501, Fax. +81 (03) 3349-5505
GENNUM UK LIMITED
25 Long Garden Walk, Farnham, Surrey, England GU9 7HX
Tel. +44 (0)1252 747 000 Fax +44 (0)1252 726 523
Gennum Corporation assumes no liability for any errors or omissions in this document, or for the use of the
circuits or devices described herein. The sale of the circuit or device described herein does not imply any
patent license, and Gennum makes no representation that the circuit or device is free from patent infringement.
GENNUM and the G logo are registered trademarks of Gennum Corporation.
© Copyright 2002 Gennum Corporation. All rights reserved. Printed in Canada.
www.gennum.com
GS9062 Data Sheet
22209 - 7
February 2007
46
46 of 46
DOCUMENT IDENTIFICATION
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in order to
provide the best product possible.
7. Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
0
130132
–
July 2003
Upgrade to preliminary data sheet. Reformat detailed description and expand
information. AC/DC parameters updated. Reset Operation clarified. Edit pin
descriptions. Correct register addresses.
1
132415
–
October 2003
SYMBOLS for Input Data Set-Up and Hold times were corrected on the AC
ELECTRICAL CHARACTERISTICS Table. GSPI r/w Timing Diagram updated.
2
133886
–
May 2004
Converted GS9062 to new template format. Moved ESD to maximum absolute
ratings. Adjusted Input Data Setup Time in AC Electrical Characteristics. Added note
to host interface pins. Added Pb-free and Green availability and ordering
information. Added Pb-free reflow solder profile. Corrected minor typing errors.
3
136147
–
February 2005
Corrected pin 79 (LB_CONT) description. Added descriptive text to the Solder
Reflow Profile section. Added Packaging Data section. Updated SCLK on GSPI
timing figures to show burst clock. Updated to reflect RoHS compliance.
4
136662
–
May 2005
Updated document status to Data Sheet. Updated the status of the VD_STD[4:0]
and STD_LOCK bits following a device reset or the removal of the input PCLK.
Changed the GSPI Input Data Hold Time to a minimum instead of a maximum.
5
136982
–
May 2005
Restored missing overlines to pin names.
6
142405
41245
October 2006
Added built-in ClockCleanerTM feature to document title and functional block
diagram. Specified that serializer can reject >300ps pclk jitter in Description on
page 1.
7
143949
42774
February 2007
Recommended GO1555 VCO for new designs. Updated Section 4.1 Typical
Application Circuit. Added Section 3.8.3 Loop Bandwidth Adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46