công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC546LP2 bảng dữ liệu(PDF) 7 Page - Hittite Microwave Corporation

tên linh kiện HMC546LP2
Giải thích chi tiết về linh kiện  GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC546LP2 bảng dữ liệu(HTML) 7 Page - Hittite Microwave Corporation

  HMC546LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 6Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 7Page - Hittite Microwave Corporation HMC546LP2 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 166
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
Tx
This pin is DC coupled and matched to 50 Ohms.
2
Vctl
See Truth Table.
3ACG
External capacitor to ground is required.
See application circuit herein.
4
Rx
This pin is DC coupled and matched to 50 Ohms.
5Vdd
Supply Voltage
6
RFC
This pin is DC coupled and matched to 50 Ohms.
GND
Package bottom has exposed metal paddle
that must be connected to PCB RF ground.
HMC546LP2 / 546LP2E
v03.0809
GaAs MMIC 10W FAILSAFE SWITCH
0.2 - 2.7 GHz
Application Circuit
Tuned Frequency
1843 MHz
2015 MHz
2350 MHz
2600 MHz
Evaluation PCB Number
110782
115201
115202
115203
C1, C3, C5 [1]
330 pF
330 pF
330 pF
330 pF
C2
1.2 pF
0.8 pF
0.6 pF
0.7 pF
C6
0.5 pF
N/A
N/A
N/A
C7
3.0 pF
2.4 pF
2.0 pF
1.5 pF
L1
5.1nH [2]
4.3 nH [2]
2.0 nH [2]
1.6 nH [3]
L2 [2]
4.3 nH
3.9 nH
3.3 nH
2.7 nH
[1] DC blocking capacitors
[2] 0402 inductors, 5% tolerance
[3] 0603 inductor, 5% tolerance
Components for Selected Frequencies



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com