| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TJ2995DP bảng dữ liệu(PDF) 2 Page - HTC Korea TAEJIN Technology Co. |
|
|
|||||||||||||||||||||||||||||
TJ2995DP bảng dữ liệu(HTML) 2 Page - HTC Korea TAEJIN Technology Co. |
|
2 / 9 page ![]() DDR Termination Regulator TJ2995 Oct. 2009 - Rev. 1.1 2/9 HTC PIN CONFIGURATION NC GND VSENSE VREF VTT PVIN AVIN VDDQ 1 2 3 4 8 7 6 5 NC GND VSENSE VREF VTT PVIN AVIN VDDQ 1 2 3 4 8 7 6 5 Exposed Thermal PAD SOP8 SOP8-PP PIN DESCRIPTION Pin No. Pin Name Pin Function 1 NC No Internal Connection 2 GND Ground 3 VSENSE Feedback Pin for Regulating VTT 4 VREF Buffered Internal Reference Voltage of VDDQ/2 5 VDDQ Input for Internal Reference Equal to VDDQ/2 6 AVIN Analog Input Pin 7 PVIN Power Input Pin 8 VTT Output Voltage for Connection to Termination Resistors Exposed Thermal PAD Exposed Thermal Connection. Connect to Ground. (SOP8-PP Only) TYPICAL APPLICATION |