| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F407ZE bảng dữ liệu(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407ZE bảng dữ liệu(HTML) 115 Page - STMicroelectronics |
|
115 / 154 page ![]() STM32F405xx, STM32F407xx Electrical characteristics Doc ID 022152 Rev 1 115/154 Figure 45. 12-bit buffered /non-buffered DAC 1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the DAC_CR register. R LOAD C LOAD Buffered/Non-buffered DAC DACx_OUT Buffer(1) 12-bit digital to analog converter ai17157 |