| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F407ZE bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407ZE bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 154 page ![]() Electrical characteristics STM32F405xx, STM32F407xx 62/154 Doc ID 022152 Rev 1 5.3.5 Embedded reset and power control block characteristics The parameters given in Table 15 are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 10. Table 15. Embedded reset and power control block characteristics(1) Symbol Parameter Conditions Min Typ Max Unit VPVD Programmable voltage detector level selection PLS[2:0]=000 (rising edge) 2.09 2.14 2.19 V PLS[2:0]=000 (falling edge) 1.98 2.04 2.08 V PLS[2:0]=001 (rising edge) 2.23 2.30 2.37 V PLS[2:0]=001 (falling edge) 2.13 2.19 2.25 V PLS[2:0]=010 (rising edge) 2.39 2.45 2.51 V PLS[2:0]=010 (falling edge) 2.29 2.35 2.39 V PLS[2:0]=011 (rising edge) 2.54 2.60 2.65 V PLS[2:0]=011 (falling edge) 2.44 2.51 2.56 V PLS[2:0]=100 (rising edge) 2.70 2.76 2.82 V PLS[2:0]=100 (falling edge) 2.59 2.66 2.71 V PLS[2:0]=101 (rising edge) 2.86 2.93 2.99 V PLS[2:0]=101 (falling edge) 2.65 2.84 3.02 V PLS[2:0]=110 (rising edge) 2.96 3.03 3.10 V PLS[2:0]=110 (falling edge) 2.85 2.93 2.99 V PLS[2:0]=111 (rising edge) 3.07 3.14 3.21 V PLS[2:0]=111 (falling edge) 2.95 3.03 3.09 V VPVDhyst (3) PVD hysteresis - 100 - mV VPOR/PDR Power-on/power-down reset threshold Falling edge TBD(2) 1.70 TBD V Rising edge TBD 1.74 TBD V VPDRhyst (3) PDR hysteresis - 40 - mV |