công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC65 bảng dữ liệu(PDF) 54 Page - NXP Semiconductors

tên linh kiện LPC65
Giải thích chi tiết về linh kiện  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC65 bảng dữ liệu(HTML) 54 Page - NXP Semiconductors

Back Button LPC65 Datasheet HTML 50Page - NXP Semiconductors LPC65 Datasheet HTML 51Page - NXP Semiconductors LPC65 Datasheet HTML 52Page - NXP Semiconductors LPC65 Datasheet HTML 53Page - NXP Semiconductors LPC65 Datasheet HTML 54Page - NXP Semiconductors LPC65 Datasheet HTML 55Page - NXP Semiconductors LPC65 Datasheet HTML 56Page - NXP Semiconductors LPC65 Datasheet HTML 57Page - NXP Semiconductors LPC65 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
54 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
12. ADC electrical characteristics
[1]
Conditions: VSSA = 0 V, VDDA = 3.3 V.
[2]
The ADC is monotonic, there are no missing codes.
[3]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width. See Figure 21.
[4]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 21.
[5]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the
ideal curve. See Figure 21.
[6]
The gain error (EG) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset
error, and the straight line which fits the ideal transfer curve. See Figure 21.
[7]
The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve. See Figure 21.
Fig 20.
SPI slave timing (CPHA = 0)
SCK (CPOL = 0)
MOSI
MISO
002aad989
TSPICYC
tSPICLKH
tSPICLKL
tSPIDSU
tSPIDH
tSPIQV
DATA VALID
DATA VALID
tSPIOH
SCK (CPOL = 1)
DATA VALID
DATA VALID
Table 15.
ADC characteristics
VDDA = 2.7 V to 3.6 V; Tamb = −40 °C to +85 °C unless otherwise specified; ADC frequency 13 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
0
-
VDDA
V
Cia
analog input capacitance
-
-
15
pF
ED
differential linearity error
[1][2][3] -
-
±1
LSB
EL(adj)
integral non-linearity
[1][4] -
-
±3
LSB
EO
offset error
[1][5] -
±2
-
LSB
EG
gain error
[1][6] -
-
0.5
%
ET
absolute error
[1][7] -
-
4
LSB
fclk(ADC)
ADC clock frequency
-
-
13
MHz
fc(ADC)
ADC conversion frequency
-
-
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com