công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATSAM3S2BA-MU bảng dữ liệu(PDF) 43 Page - ATMEL Corporation

tên linh kiện ATSAM3S2BA-MU
Giải thích chi tiết về linh kiện  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU bảng dữ liệu(HTML) 43 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 39Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 40Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 41Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 42Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 43Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 44Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 45Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 46Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
43
6500CS–ATARM–24-Jan-11
SAM3S Summary
11.2
Peripheral Signal Multiplexing on I/O Lines
The SAM3S product features 2 PIO controllers on 48-pin and 64-pin versions (PIOA, PIOB) or 3
PIO controllers on the 100-pin version, (PIOA, PIOB, PIOC), that multiplex the I/O lines of the
peripheral set.
The SAM3S 64-pin and 100-pin PIO Controllers control up to 32 lines. (See, Table 10-2.) Each
line can be assigned to one of three peripheral functions: A, B or C. The multiplexing tables in
the following pages define how the I/O lines of the peripherals A, B and C are multiplexed on the
PIO Controllers. The column “Comments” has been inserted in this table for the user’s own com-
ments; it may be used to track how pins are defined in an application.
Note that some peripheral functions which are output only, might be duplicated within the tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64