| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATSAM3S2BA-MU bảng dữ liệu(PDF) 42 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM3S2BA-MU bảng dữ liệu(HTML) 42 Page - ATMEL Corporation |
|
42 / 64 page ![]() 42 6500CS–ATARM–24-Jan-11 SAM3S Summary 11. Peripherals 11.1 Peripheral Identifiers Table 11-1 defines the Peripheral Identifiers of the SAM3S. A peripheral identifier is required for the control of the peripheral interrupt with the Nested Vectored Interrupt Controller and for the control of the peripheral clock with the Power Management Controller. Table 11-1. Peripheral Identifiers Instance ID Instance Name NVIC Interrupt PMC Clock Control Instance Description 0SUPC X Supply Controller 1RSTC X Reset Controller 2RTC X Real Time Clock 3RTT X Real Time Timer 4WDT X Watchdog Timer 5PMC X Power Management Controller 6 EEFC X Enhanced Embedded Flash Controller 7- - Reserved 8UART0 X X UART 0 9UART1 X X UART 1 10 SMC X X SMC 11 PIOA X X Parallel I/O Controller A 12 PIOB X X Parallel I/O Controller B 13 PIOC X X Parallel I/O Controller C 14 USART0 X X USART 0 15 USART1 X X USART 1 16 - - - Reserved 17 - - - Reserved 18 HSMCI X X High Speed Multimedia Card Interface 19 TWI0 X X Two Wire Interface 0 20 TWI1 X X Two Wire Interface 1 21 SPI X X Serial Peripheral Interface 22 SSC X X Synchronous Serial Controller 23 TC0 X X Timer/Counter 0 24 TC1 X X Timer/Counter 1 25 TC2 X X Timer/Counter 2 26 TC3 X X Timer/Counter 3 27 TC4 X X Timer/Counter 4 28 TC5 X X Timer/Counter 5 29 ADC X X Analog-to-Digital Converter 30 DACC X X Digital-to-Analog Converter 31 PWM X X Pulse Width Modulation 32 CRCCU X X CRC Calculation Unit 33 ACC X X Analog Comparator 34 UDP X X USB Device Port |