công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC2G125GS bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện 74LVC2G125GS
Giải thích chi tiết về linh kiện  Dual bus buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G125GS bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  74LVC2G125GS Datasheet HTML 1Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 2Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 3Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 4Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 5Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 6Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 7Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 8Page - NXP Semiconductors 74LVC2G125GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
74LVC2G125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 11 — 9 September 2010
3 of 22
NXP Semiconductors
74LVC2G125
Dual bus buffer/line driver; 3-state
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna941
2A
1A
2OE
1OE
1Y
2Y
74LVC2G125
001aae009
1
2
EN1
EN2
74LVC2G125
Fig 3.
Pin configuration SOT505-2 and SOT765-1
Fig 4.
Pin configuration SOT833-1, SOT1089,
SOT1116 and SOT1203
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aab738
1
2
3
4
6
5
8
7
74LVC2G125
74LVC2G125
1Y
2OE
VCC
2A
2Y
1A
1OE
GND
001aab739
36
27
18
45
Transparent top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22