| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMCD6P00S40C bảng dữ liệu(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
TMCD6P00S40C bảng dữ liệu(HTML) 5 Page - C&K Components |
|
5 / 6 page ![]() J J–15 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com TM Series Miniature Snap-acting Switches ACTUATOR NOTE: For basic switch operating forces, see page J-12. .280 (7,11) .750 (19,05) .187 (4,75) N/A .04 .07 1 2 N/A .07 .14 2 4 .200 (5,08) .500 (12,70) .125 (3,18) N/A .04 .11 13 N/A .11 .21 36 .60 .88 17 25 .035 (0,89) .056 (1,42) .013 (0,33) .35 .53 1.06 10 15 30 .71 .99 2.12 20 28 60 1.76 2.65 5.29 50 75 150 P00 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 A25 .060 (1,52) .140 (3,56) .025 (0,64) .11 .18 .35 35 10 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 A20 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 34 10 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 A15 .035 (0,89) .070 (1,78) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 A10 N/A .42 .63 12 18 T28 N/A T27 .100 (2,54) .330 (8,38) .070 (1,78) .04 .07 .16 1 2 4.5 .07 .14 .32 24 9 .71 1.06 1.41 20 30 40 T25 .110 (2,79) .312 (7,92) .080 (2,03) .05 .07 .18 1.5 25 .11 .18 .35 3 510 .53 1.23 1.76 15 35 50 T24 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 T23 .065 (1,65) .160 (4,06) .030 (0,76) .11 .18 .35 3 510 .21 .32 .71 6 920 1.06 1.59 3.17 30 45 90 T20 .160 (4,06) .375 (9,52) .078 (1,98) N/A .04 .14 14 N/A .14 .28 48 N/A .71 1.23 20 35 T18 .110 (2,79) .220 (5,59) .062 (1,57) .07 .07 .21 2 26 .14 .21 .42 4 612 .71 .88 1.76 20 25 50 T17 .140 (3,56) .312 (7,92) .090 (2,29) .05 .07 .18 1.5 2 5 .11 .18 .35 35 10 .53 .71 1.41 15 20 40 T16 .075 (1,90) .160 (4,06) .032 (0,81) .11 .14 .35 34 10 .21 .32 .71 69 20 1.06 1.59 2.28 30 45 80 T15 .062 (1,57) .140 (3,56) .050 (1,27) .11 .14 .35 3 410 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 T13 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 34 10 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 T13 .035 (0,89) .080 (2,03) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 T10 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RETURN FORCE (OZ./GRAMS) MINIMUM RELEASE FORCE (OZ./GRAMS) MAXIMUM OPERATING FORCE (OZ./GRAMS) CF CG CJ (50) (75) (150) OPTION CODE SWITCH CHARACTERISTICS CF CG CJ (50) (75) (150) CF CG CJ (50) (75) (150) T26 N/A .35 10 .71 20 N/A .07 2 .18 5 N/A .04 1 .07 2 .110 (2,79) .500 (12,7) .250 (6,35) |