công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMCD6P00S40C bảng dữ liệu(PDF) 4 Page - C&K Components

tên linh kiện TMCD6P00S40C
Giải thích chi tiết về linh kiện  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TMCD6P00S40C bảng dữ liệu(HTML) 4 Page - C&K Components

  TMCD6P00S40C Datasheet HTML 1Page - C&K Components TMCD6P00S40C Datasheet HTML 2Page - C&K Components TMCD6P00S40C Datasheet HTML 3Page - C&K Components TMCD6P00S40C Datasheet HTML 4Page - C&K Components TMCD6P00S40C Datasheet HTML 5Page - C&K Components TMCD6P00S40C Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
J
TM Series
Miniature Snap-acting Switches
ACTUATOR
FIG. 3
A
B
C
Lever
FIG. 4
A
B
C
D
Simulated Roller
—
.600 ± .080
(15,24 ± 2,03)
.58
(14,7)
1.62
(41,1)
3
T25
.25 dia.
(6,4Ø)
.740 ± .090
(18,80 ± 2,29)
.58
(14,7)
1.50
(38,1)
4
T24
.19 dia.
(4,8Ø)
.810 ± .065
(20,57 ± 1,65)
.58
(14,7)
1.56
(39,6)
4
T23
—
.600 ± .045
(15,24 ± 1,14)
.58
(14,7)
1.06
(26,9)
3
T20
—
.600 ± .093
(15,24 ± 2,36)
.36
(9,1)
2.75
(69,9)
3
T18
—
.600 ± .052
(15,24 ± 1,57)
.36
(9,1)
2.00
(50,8)
3
T17
—
.600 ± .062
(15,24 ± 1,57)
.36
(9,1)
2.34
(59,4)
3
T16
—
.600 ± .040
(15,24 ± 1,02)
.36
(9,1)
1.40
(35,6)
3
T15
.25 dia.
(6,4Ø)
.740 ± .050
(18,8 ± 1,3)
.36
(9,1)
1.29
(32,8)
4
T14
.19 dia.
(4,8Ø)
.810 ± .040
(20,57 ± 1,02)
.36
(9,1)
1.34
(34,0)
4
T13
—
.600 ± .020
(15,24 ± 0,51)
.36
(9,1)
.84
(21,3)
3
T10
2.56
(65,0)
T26
HIGH FORCE, LOW MOTION PIVOT POSITION
LOW FORCE, HIGH MOTION PIVOT POSITION
NOTE: Lever actuator options are available in either of two pivot positions.
Levers located in the forward pivot position have lower forces and higher motions.
Levers located in the rear pivot position have higher forces and lower motions.
Available with actuators A10, A15, T10, T13, T14, T15, T16, T17 and T18.
Available with actuators A20, A25, T20, T23, T24, T25, T26, T27 and T28.
FIG. 1
A
B
C
D
Lever Roller
FIG. 2
A
C
Pin Roller
.19 dia.
(4,8Ø)
.810 ± .080
(20,57 ± 2,03)
.58
(14,7)
1.56
(39,6)
1
A25
.19 dia.
(4,8Ø)
.810 ± .050
(20,57 ± 1,27)
.58
(14,7)
1.03
(26,2)
1
A20
.19 dia.
(4,8Ø)
.810 ± .040
(20,57 ± 1,02)
.36
(9,1)
1.34
(34,0)
1
A15
.19 dia.
(4,8Ø)
.810 ± .020
(20,57 ± 0,51)
.36
(9,1)
.81
(20,6)
1
A10
—
.578 ± .015
(14,68 ± 0,38)
—
.80
(20,3)
2
P00
DIM. D
DIM. C
DIM. B
DIM. A
FIG.
OPTION CODE
3
.56
(14,7)
—
.600±.125
(15,24±3.18)
2.22
(56,4)
T27
3
.58
(14,7)
—
.600±.125
(15,24±3.18)
2.97
(75,4)
T28
3
.58
(14,7)
—
.600±.187
(15,24±4.75)
J–14
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com



Html Pages

1 2 3 4 5 6