| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8FS040 bảng dữ liệu(PDF) 52 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8FS040 bảng dữ liệu(HTML) 52 Page - Zilog, Inc. |
|
52 / 56 page ![]() ZMOTION TM Detection and Control Family Product Specification PS028506-1110 PRELIMINARY 47 The following flow diagram shows the general S/W operation for Normal Scan Rate mode. Figure 15 - Application Flow Diagram - Normal Scan Rate Execute ePIR_ADC_ISR Macro Monitor ePIR API for Events RESET Initialize API Registers Recommended settings supplied in lens/pyro configuration file PIR Scan Rate = 0 User Application Code Set ePIR_Enable Register to ePIR_ENABLE_PATTERN Execute ePIR_INIT Macro Enter ADC Interrupt Exit ADC Interrupt Set bit 7 of ePIR_SC1 (Engine Timer Tick) 1 Second Timer Interrupt Return Wait for PIR Sensor Stable ePIR_SC0:0=1 ePIR Initialization ADC Interrupt One Second Timer Tick Main Application Loop Initialize Flash Frequency Register Enable ADC in PWRCTL0 Initialize Oscillator & WDT Set up GPIO’s for application Set up Timer for 1 Second Interrupt Enable Global Interrupts HALT (Optional) Application Initialization |