| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEA1062N-S16-R bảng dữ liệu(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TEA1062N-S16-R bảng dữ liệu(HTML) 6 Page - Unisonic Technologies |
|
6 / 13 page ![]() TEA1062N/TEA1062AN LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 13 www.unisonic.com.tw QW-R108-011.C ELECTRICAL CHARACTERISTICS(Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT AUTOMATIC GAIN CONTROL INPUT AGC ( PIN 15) Controlling The Gain From lR To QR And The Gain From MIC+/MIC- to LN; R6 Between AGC And VEE Gain Control Range ΔGv R6=110k Ω, ILINE =70mA -5.8 dB Highest Line Current For Maximum Gain 23 mA Lowest Line Current For Minimum Gain ILINE 61 mA |