công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMX320LF2401AVFS bảng dữ liệu(PDF) 52 Page - Texas Instruments

tên linh kiện TMX320LF2401AVFS
Giải thích chi tiết về linh kiện  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button TMX320LF2401AVFS Datasheet HTML 48Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 49Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 50Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 51Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 52Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 53Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 54Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 55Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
development support
Texas Instruments (TI) offers an extensive line of development tools for the 240x generation of DSPs, including
tools to evaluate the performance of the processors, generate code, develop algorithm implementations, and
fully integrate and debug software and hardware modules.
The following products support development of 240x-based applications:
Software Development Tools:
Assembler/linker
Simulator
Optimizing ANSI C compiler
Application algorithms
C/Assembly debugger and code profiler
Hardware Development Tools:
Emulator XDS510
 (supports x24x multiprocessor system debug)
TMS320LF2407 EVM (Evaluation module for 2407 DSP)
See Table 13 and Table 14 for complete listings of development support tools for the 240x. For information on
pricing and availability, contact the nearest TI field sales office or authorized distributor.
Table 13. Development Support Tools
DEVELOPMENT TOOL
PLATFORM
PART NUMBER
Software
Code Composer Studio
 v.2.2
PC
TMDSCCS2000-1
Hardware − Emulation Debug Tools
XDS510PP
 Pod (Parallel Port) with JTAG cable
PC
TMDS3P701014
Table 14. TMS320x24x-Specific Development Tools
DEVELOPMENT TOOL
PLATFORM
PART NUMBER
Hardware − Evaluation/Starter Kits
2401A eZdsp
PC
TMDSeZD2401
F2407A EVM
PC
TMDS3P701016A
XDS510, Code Composer Studio, and XDS510PP are trademarks of Texas Instruments.
PC is a trademark of International Business Machines Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88