công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMX320LF2401AVFS bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TMX320LF2401AVFS
Giải thích chi tiết về linh kiện  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TMX320LF2401AVFS Datasheet HTML 1Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 2Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 3Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 4Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 5Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 6Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 7Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 8Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description
The TMS320Lx2401A† device, a new member of the TMS320C24x
 generation of digital signal processor
(DSP) controllers, is part of the TMS320C2000
 platform of fixed-point DSPs. The Lx2401A device offers the
enhanced TMS320
 DSP architectural design of the C2xx core CPU for low-cost, low-power, and
high-performance processing capabilities. Several advanced peripherals, optimized for digital motor and
motion control applications, have been integrated to provide a true single-chip DSP controller. While
code-compatible with the existing 240x and C24x
 DSP controller devices, the Lx2401A offers increased
processing performance (40 MIPS) and a higher level of peripheral integration. See the TMS320x240xA Device
Summary section for device-specific features.
The Lx2401A device offers a peripheral suite tailored to meet the specific price/performance points required
by various applications. The Lx2401A also offers a cost-effective reprogrammable solution for volume
production. A password-based “code security” feature on the device is useful in preventing unauthorized
duplication of proprietary code stored in on-chip Flash/ROM. Note that the LF2401A contains a 256-word boot
ROM to facilitate in-circuit programming. The boot ROM on LC2401A is used for test purposes.
The Lx2401A offers an event manager module which has been optimized for digital motor control and power
conversion applications. Capabilities of this module include center- and/or edge-aligned PWM generation,
programmable deadband to prevent shoot-through faults, and synchronized analog-to-digital conversion.
Select EV pins have been provided with an “input-qualifier” circuitry, which minimizes inadvertent pin-triggering
by glitches.
The high-performance, 10-bit analog-to-digital converter (ADC) has a minimum conversion time of 500 ns and
offers up to 5 channels of analog input. The autosequencing capability of the ADC allows a maximum of
16 conversions to take place in a single conversion session without any CPU overhead.
A serial communications interface (SCI) is integrated on all devices to provide asynchronous communication
to other devices in the system. To maximize device flexibility, functional pins are also configurable as
general-purpose inputs/outputs (GPIOs).
To streamline development time, JTAG-compliant scan-based emulation has been integrated into all devices.
This provides non-intrusive real-time capabilities required to debug digital control systems. A complete suite
of code-generation tools from C compilers to the industry-standard Code Composer Studio
 debugger
supports this family. Numerous third-party developers not only offer device-level development tools, but also
system-level design and development support.
NOTE: The Lx2401A device has reduced peripheral functionality compared to other 24x/240x devices. While
peripherals such as SPI and CAN are absent on the Lx2401A, peripherals such as EV and ADC have reduced
functionality. For example, in the case of EV, there is no QEP unit and the Capture unit has only one capture
pin (as opposed to three or six pins in other devices). The ADC has only five input channels (as opposed to eight
or sixteen channels in other devices). For these reasons, some bits that are valid in other 24x/240x devices are
not applicable in the Lx2401A. The registers and their valid bits are described in Table 16, Lx2401A DSP
Peripheral Register Description. For a description of those registers and bits that are valid, refer to the
TMS320LF/LC240xA DSP Controllers Reference Guide: System and Peripherals (literature number
SPRU357). Any exceptions to SPRU357 have been described in the respective peripheral sections in this data
sheet.
TMS320C24x, TMS320C2000, TMS320, and C24x are trademarks of Texas Instruments.
† Throughout this document, TMS320Lx2401A is used as a generic name for the TMS320LF2401A and TMS320LC2401A devices. An
abbreviated name, Lx2401A, denotes both devices as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88