| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F423IPM bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F423IPM bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 45 page ![]() MSP430F42x MIXED SIGNAL MICROCONTROLLER SLAS421A − APRIL 2004 − REVISED JUNE 2007 34 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic (continued) port P2, P2.0 to P2.1, input/output with Schmitt-trigger P2OUT.x Module X OUT P2DIR.x Direction Control From Module P2SEL.x D EN Interrupt Edge Select P2IES.x P2SEL.x P2IE.x P2IFG.x P2IRQ.x EN Set Q 0 1 1 0 PnSel.x PnDIR.x Dir. Control from module PnOUT.x Module X OUT PnIN.x PnIE.x PnIFG.x PnIES.x Module X IN 0: Port active 1: Segment xx function active P2Sel.0 P2DIR.0 P2Sel.1 P2DIR.1 P2DIR.0 DCM_UCLK P2OUT.0 P2OUT.1 P2IN.0 P2IN.1 UCLK0(i) Out2sig. UCLK0(o) P2IE.0 P2IE.1 P2IFG.0 P2IFG.1 P2IES.0 P2IES.1 Module X IN P2IN.x Pad Logic 0: Input 1: Output Bus Keeper CCI2A Port/LCD Port/LCD Segment xx P2.0/TA2/S25 P2.1/UCLK0/S24 † † Timer_A3 ‡ USART0 ‡ † ‡ Segment S25 S24 0: LCDM < 0E0h 1: LCDM ≥ 0E0h NOTE: 0 ≤ x ≤ 1. Port Function is Active if Port/LCD = 0 SYNC MM STC STE DCM_UCLK Direction Control for UCLK0 |